Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1254 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SB1254
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB1254 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SB1254 Datasheet HTML 1Page - Savantic, Inc. 2SB1254 Datasheet HTML 2Page - Savantic, Inc. 2SB1254 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SB1254
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
IC=-30mA ; IB=0
-140
V
VCEsat
Collector-emitter saturation voltage
IC=-6A ;IB=-6mA
-2.5
V
VBEsat
Base-emitter saturation voltage
IC=-6A ;IB=-6mA
-3.0
V
ICBO
Collector cut-off current
VCB=-160V; IE=0
-100
µA
ICEO
Collector cut-off current
VCE=-140V; IB=0
-100
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
µA
hFE-1
DC current gain
IC=-1A ; VCE=-5V
2000
hFE -2
DC current gain
IC=-6A ; VCE=-5V
5000
30000
fT
Transition frequency
IC=-0.5A ; VCE=-10V;f=1MHz
20
MHz
Switching times
ton
Turn-on time
1.0
µs
ts
Storage time
1.5
µs
tf
Fall time
IC=-6A; VCC=50V
IB1=-IB2=-6mA
1.2
µs


Similar Part No. - 2SB1254

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1254 PANASONIC-2SB1254 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SB1254 SAVANTIC-2SB1254 Datasheet
118Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1254 JMNIC-2SB1254 Datasheet
160Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1254 ISC-2SB1254 Datasheet
135Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1254 NJSEMI-2SB1254 Datasheet
134Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1254

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com