Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL431S Datasheet(PDF) 3 Page - Calogic, LLC

Part # CL431S
Description  Precision Adjustable Shunt Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL431S Datasheet(HTML) 3 Page - Calogic, LLC

  CL431S Datasheet HTML 1Page - Calogic, LLC CL431S Datasheet HTML 2Page - Calogic, LLC CL431S Datasheet HTML 3Page - Calogic, LLC CL431S Datasheet HTML 4Page - Calogic, LLC CL431S Datasheet HTML 5Page - Calogic, LLC CL431S Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CL431
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ELECTRICAL CHARACTERISTICS
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
oC). Ambient temperature must be derated based on
power dissipation and package thermal characteristics. The conditions are: VKA = VREF and IK = 10mA unless otherwise stated.
SYMBOL
PARAMETER
CL431 (0.5%)
UNIT
TEST
CIRCUIT
TEST CONDITION
MIN
TYP
MAX
VREF
Reference Voltage
2.490
2.503
2.515
V
1
TA = 25
oC
2.469
2.536
V
1
Over Temp.
TC
∆VREF with Temp.*
0.07
0.20
mV/
oC1
∆VREF
∆VK
Ratio of Change in VREF to
Cathode Voltage
–2.7
–1.0
mV/V
2
VREF to 10V
–2
–0.4
0.3
10V to 36V
IREF
Reference Input Current
0.7
4
µA2
∆IREF
IREF Temp Deviation
0.4
1.2
µA
2
Over Temp.
IK(MIN)
Min IK for Regulation
0.4
1
mA
1
IK(OFF)
Off State Leakage
0.04
250
nA
3
VREF = 0V, VKA = 36V
ZKA
Dynamic Output Impedance
0.15
0.5
1f
≤ 1kHz, IK = 1 to 150mA
0
15
30
45
60
75
90
105
TEMPERATURE (˚C)
0.07 mV/˚C
0.003 %/˚C
27 ppm/˚C
0.5
5000
0
00
–10
∆V
REF
∆T
1G-37
TC in mV/oC =
∆VREF
(mV)
∆TA
TC in %/oC =
∆VREF
VREF at 25
oC
x 100
∆TA
TC in ppm/oC =
∆VREF
VREF at 25
oC
x 10
6
∆TA
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
TEST CIRCUITS
IN
V
KA
V
K
I
1G-38
REF
I
REF
= V
REF
I
IN
V
KA
V
2
R
1
R
REF
(V
)
K
I
1G-39
IN
V
KA
V
K(OFF)
I
1G-40
TEST CIRCUIT 1
TEST CIRCUIT 2
TEST CIRCUIT 3
CORPORATION


Similar Part No. - CL431S

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432A CALOGIC-CL432A Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AD CALOGIC-CL432AD Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432ALP CALOGIC-CL432ALP Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AS CALOGIC-CL432AS Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
More results

Similar Description - CL431S

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
   1.24V Precision Adjustable Shunt Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com