Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL432AD Datasheet(PDF) 1 Page - Calogic, LLC

Part # CL432AD
Description  1.25VPrecision Adjustable Shunt Reference / Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL432AD Datasheet(HTML) 1 Page - Calogic, LLC

  CL432AD Datasheet HTML 1Page - Calogic, LLC CL432AD Datasheet HTML 2Page - Calogic, LLC CL432AD Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.25VPrecision Adjustable
Shunt Reference / Amplifier
Preliminary Product Information
CL432A
FEATURES
•• Temperature-Compensated: 50ppm/oC
•• Trimmed 1% Bandgap Reference
•• Internal Amplifier with 150mA Capability
•• Nominal Temperature Range Extended to 105oC
•• Low Frequency Dynamic Output Impedance: < 150m
•• Low Output Noise
DESCRIPTION
Calogic’s CL432A is a 3-terminal Adjustable Shunt Regulator
highly accurate 1.25V bandgap reference with a 1%
tolerance. The device offers thermal stability, wide operating
current (100mA) and an extended temperature range of 0
o to
105
oC for operation in power supply applications. The CL432A
offers a wide operating voltage range of up to 10V and is an
excellent choice for voltage reference requirements in an
isolated feedback circuit for 3.0V to 3.3V switching mode
power supplies.
The tight tolerance guarantees a lower
design cost for the power supply manufacturer by virtually
eliminating the need for an extra power supply manufacturing
process of the power supply.
The device is housed in several package options to meet the
designers criteria.
ORDERING INFORMATION
Part
Package
Temperature Range
CL432ALP
TO-92
0 to 105
oC
CL432AD
8-Pin Plastic SOIC
0 to 105
oC
CL432AVS
SOT-23
0 to 105
oC
CL432AS
SOT-89
0 to 105
oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CATHODE
ANODE
REFERENCE
TO-92 (LP)
1G-33
SOIC (D)
8
7
6
5
1
2
3
4
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
1G-34
1G-35
CATHODE
ANODE
REFERENCE
SOT-89 (S)
PIN CONFIGURATION (Top View)
1J-22
CATHODE
REFERENCE
SOT-23 (VS)
ANODE


Similar Part No. - CL432AD

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432B CALOGIC-CL432B Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432BD CALOGIC-CL432BD Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432BLP CALOGIC-CL432BLP Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432BS CALOGIC-CL432BS Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
More results

Similar Description - CL432AD

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL432B CALOGIC-CL432B Datasheet
43Kb / 3P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
   1.25VPrecision Adjustable Shunt Reference / Amplifier
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com