Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7738L2TR1 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRF7738L2TR1
Description  Automotive DirectFETPower MOSFET 
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7738L2TR1 Datasheet(HTML) 4 Page - International Rectifier

  AUIRF7738L2TR1 Datasheet HTML 1Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 2Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 3Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 4Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 5Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 6Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 7Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 8Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
AUIRF7738L2TR/TR1
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical On-Resistance vs. Gate Voltage
Fig 4. Typical On-Resistance vs. Drain Current
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
≤60µs PULSE WIDTH
Tj = 25°C
4.5V
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = -40°C
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 109A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
≤60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
ID = 109A
TJ = 25°C
TJ = 125°C
5
30
55
80
105 130 155 180 205
ID, Drain Current (A)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TJ = 25°C
TJ = 125°C
Vgs = 10V


Similar Part No. - AUIRF7738L2TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7738L2TR INFINEON-AUIRF7738L2TR Datasheet
444Kb / 11P
   Advanced Process Technology
2015-10-5
AUIRF7738L2TR INFINEON-AUIRF7738L2TR_15 Datasheet
444Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com