Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7738L2TR1 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRF7738L2TR1
Description  Automotive DirectFETPower MOSFET 
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7738L2TR1 Datasheet(HTML) 1 Page - International Rectifier

  AUIRF7738L2TR1 Datasheet HTML 1Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 2Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 3Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 4Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 5Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 6Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 7Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 8Page - International Rectifier AUIRF7738L2TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
AUIRF7738L2TR
AUIRF7738L2TR1
Automotive DirectFET® Power MOSFET
‚
AUTOMOTIVE GRADE
HEXFET® is a registered trademark of International Rectifier.
Advanced Process Technology
Optimized for Automotive Motor Drive, DC-DC and
other Heavy Load Applications
Exceptionally Small Footprint and Low Profile
High Power Density
Low Parasitic Parameters
Dual Sided Cooling
175°C Operating Temperature
Repetitive Avalanche Capability for Robustness and
Reliability
Lead Free, RoHS Compliant and Halogen Free
Automotive Qualified *
11/5/10
Applicable DirectFET® Outline and Substrate Outline

DirectFET® ISOMETRIC
L6
SB
SC
M2
M4
L4
L6
L8
DD
G
S
S
S
S
S
S
Description
The AUIRF7738L2 combines the latest Automotive HEXFET® Power MOSFET Silicon technology with the advanced DirectFET® packaging
technology to achieve exceptional performance in a package that has the footprint of a DPak (TO-252AA) and only 0.7 mm profile.The DirectFET®
package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or
convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes.The DirectFET®
package allows dual sided cooling to maximize thermal transfer in automotive power systems.
This HEXFET
® Power MOSFET is designed for applications where efficiency and power density are of value. The advanced DirectFET® packaging
platform coupled with the latest silicon technology allows the AUIRF7738L2 to offer substantial system level savings and performance improvement
specifically in motor drive, high frequency DC-DC and other heavy load applications on ICE, HEV and EV platforms. This MOSFET utilizes the latest
processing techniques to achieve low on-resistance and low Qg per silicon area. Additional features of this MOSFET are 175°C operating junction
temperature and high repetitive peak current capability. These features combine to make this MOSFET a highly efficient, robust and reliable
device for high current automotive applications.
V(BR)DSS
40V
RDS(on) typ.
1.2m
max.
1.6m
ID (Silicon Limited)
184A
Qg
129nC
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)f
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)f
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
g
PD @TC = 25°C
Power Dissipation
f
PD @TA = 25°C
Power Dissipation
e
EAS
Single Pulse Avalanche Energy (Thermally Limited)
h
EAS (tested)
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ãg
A
EAR
Repetitive Avalanche Energy
g
mJ
TP
Peak Soldering Temperature
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
45
RθJA
Junction-to-Ambient
j
12.5
–––
RθJA
Junction-to-Ambient
k
20
–––
RθJCan
Junction-to-Can
fl
–––
1.6
RθJ-PCB
Junction-to-PCB Mounted
–––
0.5
Linear Derating Factor
f
W/°C
Max.
184
130
736
538
134
40
± 20
315
0.63
35
94
3.3
270
-55 to + 175
See Fig.18a, 18b, 16, 17
V
A
mJ
°C/W
W
°C
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
PD - 96333A


Similar Part No. - AUIRF7738L2TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7738L2TR INFINEON-AUIRF7738L2TR Datasheet
444Kb / 11P
   Advanced Process Technology
2015-10-5
AUIRF7738L2TR INFINEON-AUIRF7738L2TR_15 Datasheet
444Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com