Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7799L2TR1 Datasheet(PDF) 8 Page - International Rectifier

Part # AUIRF7799L2TR1
Description  Automotive DirectFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7799L2TR1 Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIRF7799L2TR1 Datasheet HTML 4Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 5Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 6Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 7Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 8Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 9Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 10Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 11Page - International Rectifier AUIRF7799L2TR1 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AUIRF7799L2TR/TR1
8
www.irf.com
Automotive DirectFET® Board Footprint, L8 (Large Size Can).
Please see AN-1035 for DirectFET® assembly details and stencil and substrate design recommendations
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
Fig 21.
Diode Reverse Recovery Test Circuit for HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*** VGS = 5V for Logic Level Devices
***
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

**
*
* Use P-Channel Driver for P-Channel Measurements
** Reverse Polarity for P-Channel
G = GATE
D = DRAIN
S = SOURCE
G
D
D
DD
D
D
S
SS
S
S
SS
S


Similar Part No. - AUIRF7799L2TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7799L2TR INFINEON-AUIRF7799L2TR Datasheet
448Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com