Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF8736M2 Datasheet(PDF) 9 Page - International Rectifier

Part # AUIRF8736M2
Description  Automotive DirectFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF8736M2 Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIRF8736M2 Datasheet HTML 4Page - International Rectifier AUIRF8736M2 Datasheet HTML 5Page - International Rectifier AUIRF8736M2 Datasheet HTML 6Page - International Rectifier AUIRF8736M2 Datasheet HTML 7Page - International Rectifier AUIRF8736M2 Datasheet HTML 8Page - International Rectifier AUIRF8736M2 Datasheet HTML 9Page - International Rectifier AUIRF8736M2 Datasheet HTML 10Page - International Rectifier AUIRF8736M2 Datasheet HTML 11Page - International Rectifier AUIRF8736M2 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 
AUIRF8736M2TR
9
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 14, 2014
DirectFET® Outline Dimension, M4 Outline
(Medium Size Can, 4-Source Pads)
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes all
recommendations for stencil and substrate designs.
DirectFET® Part Marking
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
PART NUMBER
LOGO
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"
"AU" = GATE AND
AUTOMOTIVE MARKING
CODE
A
B
C
D
E
F
G
H
J
K
L
0.047
0.094
0.156
0.032
0.018
0.024
MAX
0.250
1.10
2.30
3.85
0.78
0.35
0.58
MIN
6.25
4.80
1.20
2.40
3.95
0.82
0.45
0.62
MAX
6.35
5.05
0.090
0.043
0.152
0.031
0.023
0.014
MIN
0.189
0.246
METRIC
IMPERIAL
DIMENSIONS
0.78
0.82
0.032
0.031
0.032
0.78
0.82
0.031
0.015
0.017
0.38
0.42
L1
0.142
3.50
3.60
0.138
R
0.003
0.02
0.08
0.001
M
P
0.029
0.007
0.68
0.09
0.74
0.17
0.027
0.003
Dimensions are shown in
millimeters (inches)
0.199


Similar Part No. - AUIRF8736M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRF8739L2 ETC2-AUIRF8739L2 Datasheet
708Kb / 2P
   High Power Density
logo
International Rectifier
AUIRF8739L2TR IRF-AUIRF8739L2TR Datasheet
708Kb / 12P
   Advanced Process Technology
More results

Similar Description - AUIRF8736M2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-8-9
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
logo
Infineon Technologies A...
IRF7480MPBF INFINEON-IRF7480MPBF Datasheet
503Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-5-4
logo
International Rectifier
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
148Kb / 10P
   AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
IRF7103QPBF IRF-IRF7103QPBF Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com