Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFL014NTR Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRFL014NTR
Description  Advanced Planar Technology Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFL014NTR Datasheet(HTML) 1 Page - International Rectifier

  AUIRFL014NTR Datasheet HTML 1Page - International Rectifier AUIRFL014NTR Datasheet HTML 2Page - International Rectifier AUIRFL014NTR Datasheet HTML 3Page - International Rectifier AUIRFL014NTR Datasheet HTML 4Page - International Rectifier AUIRFL014NTR Datasheet HTML 5Page - International Rectifier AUIRFL014NTR Datasheet HTML 6Page - International Rectifier AUIRFL014NTR Datasheet HTML 7Page - International Rectifier AUIRFL014NTR Datasheet HTML 8Page - International Rectifier AUIRFL014NTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
08/24/11
AUIRFL014N
www.irf.com
1
HEXFET® Power MOSFET
S
D
G
AUTOMOTIVE GRADE
Features
l
Advanced Planar Technology
l
Low On-Resistance
l
Dynamic dV/dT Rating
l
150°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
SOT-223
AUIRFL014N
D
G
D
S
GD
S
Gate
Drain
Source
V(BR)DSS
55V
RDS(on) max.
0.16
Ω
ID
1.9A
Specifically designed for Automotive applications, this
Cellular design of HEXFET® Power MOSFETs utilizes
the latest processing techniques to achieve low on-
resistance per silicon area. This benefit combined with
the fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in Automotive and a wide variety
of other applications.
Description
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated
in the specifications is not implied.Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still
air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Parameter
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10Vh
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10Vg
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V g
IDM
Pulsed Drain Current
™
PD @TA = 25°C
Power Dissipation (PCB Mount)
h
W
PD @TA = 25°C
Power Dissipation (PCB Mount)
g
W
Linear Derating Factor (PCB Mount)
g
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™g
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient (PCB mount, steady state)
g
90
120
RθJA
Junction-to-Ambient (PCB mount, steady state)
h
50
60
Max.
2.7
1.5
15
1.9
5.0
0.1
48
1.7
1.0
°C/W
°C
A
-55 to + 150
2.1
8.3
±20
PD-96382A


Similar Part No. - AUIRFL014NTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFL014NTR INFINEON-AUIRFL014NTR Datasheet
416Kb / 9P
   AUTOMOTIVE GRADE
2015-10-5
More results

Similar Description - AUIRFL014NTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com