Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFL024N Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRFL024N
Description  Advanced Planar Technology Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFL024N Datasheet(HTML) 3 Page - International Rectifier

  AUIRFL024N Datasheet HTML 1Page - International Rectifier AUIRFL024N Datasheet HTML 2Page - International Rectifier AUIRFL024N Datasheet HTML 3Page - International Rectifier AUIRFL024N Datasheet HTML 4Page - International Rectifier AUIRFL024N Datasheet HTML 5Page - International Rectifier AUIRFL024N Datasheet HTML 6Page - International Rectifier AUIRFL024N Datasheet HTML 7Page - International Rectifier AUIRFL024N Datasheet HTML 8Page - International Rectifier AUIRFL024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AUIRFL024N
www.irf.com
3
†
Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage.
Qualification Information
SOT-223
MSL1
RoHS Compliant
Yes
ESD
Machine Model
Class M2 (+/- 150V)
†††
AEC-Q101-002
Human Body Model
Class H1A (+/- 350V)
†††
AEC-Q101-001
Charged Device Model
Class C5 (+/- 2000V)
†††
AEC-Q101-005
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive
qualification. IR’s Industrial and Consumer qualification
level is granted by extension of the higher Automotive
level.
Moisture Sensitivity Level


Similar Part No. - AUIRFL024N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
More results

Similar Description - AUIRFL024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com