Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFP4409 Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRFP4409
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFP4409 Datasheet(HTML) 6 Page - International Rectifier

  AUIRFP4409 Datasheet HTML 1Page - International Rectifier AUIRFP4409 Datasheet HTML 2Page - International Rectifier AUIRFP4409 Datasheet HTML 3Page - International Rectifier AUIRFP4409 Datasheet HTML 4Page - International Rectifier AUIRFP4409 Datasheet HTML 5Page - International Rectifier AUIRFP4409 Datasheet HTML 6Page - International Rectifier AUIRFP4409 Datasheet HTML 7Page - International Rectifier AUIRFP4409 Datasheet HTML 8Page - International Rectifier AUIRFP4409 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com
© 2013 International Rectifier
July 10, 2013
 
AUIRFP4409
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
200
400
600
800
1000
diF /dt (A/µs)
1000
1500
2000
2500
3000
3500
IF = 16A
VR = 255V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
10
20
30
40
50
IF = 16A
VR = 255V
TJ = 25°C
TJ = 125°C
Fig 16. Typical Stored Charge vs. dif/dt
Fig 17. Typical Stored Charge vs. dif/dt
Fig 14. Typical Recovery Current vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/µs)
10
20
30
40
50
60
IF = 24A
VR = 255V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
1000
1500
2000
2500
3000
3500
4000
4500
5000
IF = 24A
VR = 255V
TJ = 25°C
TJ = 125°C
Fig 15. Typical Recovery Current vs. dif/dt
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc


Similar Part No. - AUIRFP4409

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
logo
List of Unclassifed Man...
AUIRFP4004 ETC2-AUIRFP4004 Datasheet
281Kb / 11P
   Low On-Resistance
logo
International Rectifier
AUIRFP4110 IRF-AUIRFP4110 Datasheet
531Kb / 10P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRFP4110 INFINEON-AUIRFP4110 Datasheet
525Kb / 9P
   Advanced Process Technology
2017-09-15
AUIRFP4310Z INFINEON-AUIRFP4310Z Datasheet
682Kb / 9P
   AUTOMOTIVE GRADE
2015-9-29
More results

Similar Description - AUIRFP4409

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com