Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR48Z Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRFR48Z
Description  Advanced Process Technology Ultra Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR48Z Datasheet(HTML) 2 Page - International Rectifier

  AUIRFR48Z Datasheet HTML 1Page - International Rectifier AUIRFR48Z Datasheet HTML 2Page - International Rectifier AUIRFR48Z Datasheet HTML 3Page - International Rectifier AUIRFR48Z Datasheet HTML 4Page - International Rectifier AUIRFR48Z Datasheet HTML 5Page - International Rectifier AUIRFR48Z Datasheet HTML 6Page - International Rectifier AUIRFR48Z Datasheet HTML 7Page - International Rectifier AUIRFR48Z Datasheet HTML 8Page - International Rectifier AUIRFR48Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AUIRFR48Z
2
www.irf.com
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage55
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.054
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
8.86
11
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
120
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
40
60
Qgs
Gate-to-Source Charge
–––
11
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
15
–––
td(on)
Turn-On Delay Time
–––15–––
tr
Rise Time
–––61–––
td(off)
Turn-Off Delay Time
–––40–––
ns
tf
Fall Time
–––35–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1720
–––
Coss
Output Capacitance
–––
290
–––
Crss
Reverse Transfer Capacitance
–––
160
–––
pF
Coss
Output Capacitance
–––
1000
–––
Coss
Output Capacitance
–––
230
–––
Coss eff.
Effective Output Capacitance
–––
360
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
37
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
20
40
ns
Qrr
Reverse Recovery Charge
–––
14
28
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 10V
e
VDD = 28V
ID = 37A
RG = 12
TJ = 25°C, IS = 37A, VGS = 0V e
TJ = 25°C, IF = 37A, VDD = 28V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 37A e
VDS = VGS, ID = 50µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 10V e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V f
VGS = 20V
VGS = -20V
VDS = 44V
VDS = 25V, ID = 37A
ID = 37A
Conditions
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.11mH
RG = 25Ω, IAS = 37A, VGS =10V. Part not
recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to
80% VDSS .
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
† This value determined from sample failure population,
starting TJ = 25°C, L = 0.11mH, RG = 25Ω,
IAS = 37A, VGS =10V.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques
refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.


Similar Part No. - AUIRFR48Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRFR48Z ETC2-AUIRFR48Z Datasheet
298Kb / 13P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRFR48Z INFINEON-AUIRFR48Z Datasheet
684Kb / 11P
   AUTOMOTIVE GRADE
2015-12-1
logo
Kersemi Electronic Co.,...
AUIRFR48ZTR KERSEMI-AUIRFR48ZTR Datasheet
1Mb / 12P
   Advanced Process Technology
AUIRFR48ZTRL KERSEMI-AUIRFR48ZTRL Datasheet
1Mb / 12P
   Advanced Process Technology
More results

Similar Description - AUIRFR48Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com