Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR48ZTR Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRFR48ZTR
Description  Advanced Process Technology Ultra Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR48ZTR Datasheet(HTML) 1 Page - International Rectifier

  AUIRFR48ZTR Datasheet HTML 1Page - International Rectifier AUIRFR48ZTR Datasheet HTML 2Page - International Rectifier AUIRFR48ZTR Datasheet HTML 3Page - International Rectifier AUIRFR48ZTR Datasheet HTML 4Page - International Rectifier AUIRFR48ZTR Datasheet HTML 5Page - International Rectifier AUIRFR48ZTR Datasheet HTML 6Page - International Rectifier AUIRFR48ZTR Datasheet HTML 7Page - International Rectifier AUIRFR48ZTR Datasheet HTML 8Page - International Rectifier AUIRFR48ZTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
11/9/2010
www.irf.com
1
HEXFET® Power MOSFET
AUTOMOTIVE GRADE
PD - 97586
AUIRFR48Z
GD
S
Gate
Drain
Source
D-Pak
AUIRFR48Z
G
D
S
Features
Advanced Process Technology
Ultra Low On-Resistance
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Lead-Free, RoHS Compliant
Automotive Qualified *
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of this
design are a 175°C junction operating temperature,
fast switching speed and improved repetitive ava-
lanche rating . These features combine to make this
design an extremely efficient and reliable device for
use in Automotive applications and a wide variety of
other applications.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in
the specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Ambient temperature (TA) is 25°C, unless otherwise specified.
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
V(BR)DSS
55V
RDS(on) max.
11mΩ
ID (Silicon Limited)
62A
ID (Package Limited)
42A
S
D
G
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range°C
Soldering Temperature, for 10 seconds (1.6mm from case )
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.64
RθJA
Junction-to-Ambient (PCB mount)
i
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
110
74
See Fig.12a, 12b, 15, 16
91
0.61
± 20
Max.
62
44
250
42
-55 to + 175
300


Similar Part No. - AUIRFR48ZTR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRFR48ZTR KERSEMI-AUIRFR48ZTR Datasheet
1Mb / 12P
   Advanced Process Technology
AUIRFR48ZTRL KERSEMI-AUIRFR48ZTRL Datasheet
1Mb / 12P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRFR48ZTRL INFINEON-AUIRFR48ZTRL Datasheet
684Kb / 11P
   AUTOMOTIVE GRADE
2015-12-1
logo
Kersemi Electronic Co.,...
AUIRFR48ZTRR KERSEMI-AUIRFR48ZTRR Datasheet
1Mb / 12P
   Advanced Process Technology
More results

Similar Description - AUIRFR48ZTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com