Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924U013TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6924U013TR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013TR Datasheet(HTML) 4 Page - STMicroelectronics

  L6924U013TR Datasheet HTML 1Page - STMicroelectronics L6924U013TR Datasheet HTML 2Page - STMicroelectronics L6924U013TR Datasheet HTML 3Page - STMicroelectronics L6924U013TR Datasheet HTML 4Page - STMicroelectronics L6924U013TR Datasheet HTML 5Page - STMicroelectronics L6924U013TR Datasheet HTML 6Page - STMicroelectronics L6924U013TR Datasheet HTML 7Page - STMicroelectronics L6924U013TR Datasheet HTML 8Page - STMicroelectronics L6924U013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Description
L6924U
4/37
Doc ID 14716 Rev 2
1
Description
The L6924U is a fully monolithic battery charger that safely charges single-cell Li-
Ion/Polymer battery from either an USB power source or an AC adapter. In USB mode, the
L6924U supports both low power and high power mode. Alternatively the device can charge
from an AC wall adapter. The ideal solution for space-limited portable products integrates
the power MOSFET, reverse blocking diode, sense resistor and thermal protection into a
compact VFQFPN16 package. When an external voltage regulated adapter or USB port is
used, the L6924U works in linear mode, and charges the battery in a constant current
constant voltage (CC/CV) profile. Moreover, when a current-limited adapter is used, the
device can operate in quasi-pulse mode, dramatically reducing the power dissipation.
Regardless of the charging approach, a closed loop thermal control avoids device
overheating. The device has an operating input voltage ranging from 2.5 V to 12 V and it
allows the user to program many parameters, such as fast-charge current, end-of-charge
current threshold, and charge timer. The L6924U offers two open collector outputs for
diagnostic purposes, which can be used to either drive two external LEDs or communicate
with a host microcontroller. Finally, the L6924U also provides other features like gas gauge
function, check for battery presence, and monitors and protects the battery from unsafe
thermal conditions.
Figure 2.
Basic application schematic
Figure 1.
Minimum size application board


Similar Part No. - L6924U013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6924U013TR STMICROELECTRONICS-L6924U013TR Datasheet
600Kb / 38P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
More results

Similar Description - L6924U013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6924U STMICROELECTRONICS-L6924U Datasheet
600Kb / 38P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
L6924D STMICROELECTRONICS-L6924D_07 Datasheet
1Mb / 38P
   Battery charger system with integrated power switch for Li-ION/Li-POLYMER
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
   EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com