Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2758
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2758 Datasheet(HTML) 3 Page - Texas Instruments

  LM2758 Datasheet HTML 1Page - Texas Instruments LM2758 Datasheet HTML 2Page - Texas Instruments LM2758 Datasheet HTML 3Page - Texas Instruments LM2758 Datasheet HTML 4Page - Texas Instruments LM2758 Datasheet HTML 5Page - Texas Instruments LM2758 Datasheet HTML 6Page - Texas Instruments LM2758 Datasheet HTML 7Page - Texas Instruments LM2758 Datasheet HTML 8Page - Texas Instruments LM2758 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM2758
www.ti.com
SNVS551D – APRIL 2008 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN, CPOUT pins: Voltage to GND
-0.3V to 6.0V
EN1, EN2 pins: Voltage to GND
-0.3V to (VIN + 0.3V)
w/ 6.0V max
Continuous Power Dissipation
(4)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to 150°C
Maximum Lead Temp. (Soldering)
(5)
ESD Ratings (6)
Human Body Model
2kV
Machine Model
200V
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(3)
All voltages are with respect to the potential to the GND pin.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (typ.) and
disengages at TJ = 140°C (typ.).
(5)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note AN-1112 (SNVA009).
(6)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
Input Voltage Range
2.7V to 5.5V
Junction Temperature Range (TJ)
-40°C to +125°C
Ambient Temperature Range (TA)
(3)
-40°C to +85 °C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential to the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP - (θJA × PD-MAX).
Thermal Information
Junction-to-Ambient Thermal Resistance
Resistance (
θJA), DSBGA package
(1)
56°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 53µm/35µm/35µm/53µm
(1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W.The value of
θJA of this product in this
DSBGA could fall in a range as wide as 50ºC/W to 150ºC/W (if not wider), depending on PWB material, layout, and environmental
conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be paid to thermal
dissipation issues.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2758


Similar Part No. - LM2758

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2758TL NSC-LM2758TL Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TL/NOPB TI1-LM2758TL/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2758TLX NSC-LM2758TLX Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
More results

Similar Description - LM2758

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 TI1-LM2754 Datasheet
2Mb / 19P
[Old version datasheet]   LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com