Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR5410 Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRFR5410
Description  Advanced Planar Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR5410 Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRFR5410 Datasheet HTML 3Page - International Rectifier AUIRFR5410 Datasheet HTML 4Page - International Rectifier AUIRFR5410 Datasheet HTML 5Page - International Rectifier AUIRFR5410 Datasheet HTML 6Page - International Rectifier AUIRFR5410 Datasheet HTML 7Page - International Rectifier AUIRFR5410 Datasheet HTML 8Page - International Rectifier AUIRFR5410 Datasheet HTML 9Page - International Rectifier AUIRFR5410 Datasheet HTML 10Page - International Rectifier AUIRFR5410 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AUIRFR5410
www.irf.com
7
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
F
50K
.2
F
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-
+
VDD
25
50
75
100
125
150
0
100
200
300
400
500
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-3.5A
-4.9A
-7.8A


Similar Part No. - AUIRFR5410

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRFR5410 KERSEMI-AUIRFR5410 Datasheet
3Mb / 10P
   AUTOMOTIVE GRADE
AUIRFR5410 KERSEMI-AUIRFR5410 Datasheet
4Mb / 10P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRFR5410 INFINEON-AUIRFR5410 Datasheet
324Kb / 10P
   AUTOMOTIVE GRADE
2015-12-2
logo
Shanghai Leiditech Elec...
AUIRFR5410 LEIDITECH-AUIRFR5410 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
logo
Infineon Technologies A...
AUIRFR5410TRL INFINEON-AUIRFR5410TRL Datasheet
324Kb / 10P
   AUTOMOTIVE GRADE
2015-12-2
More results

Similar Description - AUIRFR5410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFIZ34N IRF-AUIRFIZ34N Datasheet
222Kb / 11P
   Advanced Planar Technology
logo
Kersemi Electronic Co.,...
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
   Advanced Planar Technology
logo
International Rectifier
AUIRF6218S IRF-AUIRF6218S Datasheet
234Kb / 12P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR4105 INFINEON-AUIRFR4105 Datasheet
441Kb / 10P
   Advanced Planar Technology
2015-12-1
AUIRFR2405 INFINEON-AUIRFR2405 Datasheet
536Kb / 10P
   Advanced Planar Technology
2015-11-19
AUIRLR3105 INFINEON-AUIRLR3105 Datasheet
674Kb / 11P
   Advanced Planar Technology
2015-12-11
AUIRFZ44N INFINEON-AUIRFZ44N Datasheet
325Kb / 9P
   Advanced Planar Technology
2017-09-25
logo
International Rectifier
AUIRF3305 IRF-AUIRF3305 Datasheet
275Kb / 12P
   Advanced Planar Technology
AUIRFI4905 IRF-AUIRFI4905 Datasheet
304Kb / 9P
   Advanced Planar Technology
AUIRFR024N IRF-AUIRFR024N Datasheet
385Kb / 13P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com