Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM7660CP Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM7660CP
Description  DC-to-DC Voltage Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM7660CP Datasheet(HTML) 1 Page - Calogic, LLC

  CLM7660CP Datasheet HTML 1Page - Calogic, LLC CLM7660CP Datasheet HTML 2Page - Calogic, LLC CLM7660CP Datasheet HTML 3Page - Calogic, LLC CLM7660CP Datasheet HTML 4Page - Calogic, LLC CLM7660CP Datasheet HTML 5Page - Calogic, LLC CLM7660CP Datasheet HTML 6Page - Calogic, LLC CLM7660CP Datasheet HTML 7Page - Calogic, LLC CLM7660CP Datasheet HTML 8Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DC-to-DC
Voltage Converter
CLM7660
FEATURES
•• Converts +5V Logic Supply to ±5 System
•• Wide Input Voltage Range . . . . . . . . . . . . . . 1.5V to 10V
•• Low Power Supply. . . . . . . . . . . . . . . . . . . . . . . . . 500µA
•• Efficient Voltage Conversion . . . . . . . . . . . . . . . . . 99.9%
•• RS232 Negative Power Supply
•• Low Cost, Simple to Use
APPLICATIONS
•• A-to-D Converters
•• D-to-A Converters
•• Multiplexers
•• Operational Amplifiers
DESCRIPTION
Calogic CLM7660 DC-to-DC converter will generate a negative
voltage from a positive source. The CLM7660 generates -5V
in +5V digital systems and with two external capacitors, the device
will convert a 1.5V to 10V input signal to a -1.5V to -10V level.
Applications include analog-to-digital converters, digital-to-analog
converters, operational amplifiers and multiplexers. Many of these
systems require negative supply voltages. The CLM7660 allows
+5V digital logic systems to incorporate these analog components
without an additional main power source. Lower part count, less real
estate, ease of use are just a few of the benefits of the CLM7660.
ORDERING INFORMATION
Part
Package
Temperature
CLM7660CP
8 Pin DIP
-40
oC to +85oC
CLM7660DY
8 Pin SOIC
-40
oC to +85oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
PIN CONFIGURATION AND BLOCK DIAGRAM
1B-35
RC
OSCILLATOR
÷2
VOLTAGE-
LEVEL
TRANSLATOR
INTERNAL
VOLTAGE
REGULATOR
LOGIC
NETWORK
LV
OSC
GND
2
3
4
5
6
7
8
CAP
V
OU T
CAP
+
V
+
LOW
VOLTAGE (LV)
1K-17
NC
1
2
3
8
7
6
45
OSC
V
GND
+
V
OUT
NC = NO INTERNAL CONNECTION
CAP
+
CAP
CLM7660


Similar Part No. - CLM7660CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLM7000 ETC1-CLM7000 Datasheet
83Kb / 2P
   LED-Photoconductor Isolators
CLM7100 ETC1-CLM7100 Datasheet
83Kb / 2P
   LED-Photoconductor Isolators
CLM7200 ETC1-CLM7200 Datasheet
83Kb / 2P
   LED-Photoconductor Isolators
More results

Similar Description - CLM7660CP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
   High Voltage Input DC-to-DC Converter
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com