Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1589T8F1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1589T8F1
Description  Supply of commercial / industrial quality bars 20 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1589T8F1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1589T8F1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1589T8F1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Barres d'alimentation de qualité commerciale/industrielle de
20 A
Features
Built to meet the rugged requirements of industrial and commercial
use.
All metal housing – tough extruded aluminum case with black powder-
coated steel cover.
Available with on/off switch or red pilot light to indicate power on.
Mounting feet (with keyhole slots) allow temporary work station
mounting if desired.
Specifications
Heavy-duty black receptacles rated for 20A, 125VAC service (NEMA 5-
20R, Single T-Slot).
Heavy-duty power cord – 12/3 SJT for extreme temperature ranges.
Integral molded plug with straight blade (NEMA 5-20P) or locking (NEMA
L5-20P) configuration.
Includes 20A, 125VAC circuit breaker to prevent accidental line
overload.
CSA certified, Standards C22.2 (No. 21-95 and No. 42-99)
UL listed, Standard UL1363 - file # E166039
Accessoires
On/Off Switch
Illuminated
Overall Dimensions
Outlet
Outlet
Cord
Plug
Plug
Light Only
Part No.
Part No.
Height
Width
Length
Qty
NEMA Type
Length (ft)
Type
NEMA Type
1589H4C1
1589T4C1
2.33
2.13
10.18
4
5-20R
6
Locking
L5-20P
1589H4D1
1589T4D1
2.33
2.13
10.18
4
5-20R
15
Locking
L5-20P
1589H4F1
1589T4F1
2.33
2.13
10.18
4
5-20R
6
Straight
5-20P
1589H4G1
1589T4G1
2.33
2.13
10.18
4
5-20R
15
Straight
5-20P
1589H6C1
1589T6C1
2.33
2.13
13.36
6
5-20R
6
Locking
L5-20P
1589H6D1
1589T6D1
2.33
2.13
13.36
6
5-20R
15
Locking
L5-20P
1589H6F1
1589T6F1
2.33
2.13
13.36
6
5-20R
6
Straight
5-20P
1589H6G1
1589T6G1
2.33
2.13
13.36
6
5-20R
15
Straight
5-20P
1589H8C1
1589T8C1
2.33
2.13
16.51
8
5-20R
6
Locking
L5-20P
1589H8D1
1589T8D1
2.33
2.13
16.51
8
5-20R
15
Locking
L5-20P
1589H8F1
1589T8F1
2.33
2.13
16.51
8
5-20R
6
Straight
5-20P
1589H8G1
1589T8G1
2.33
2.13
16.51
8
5-20R
15
Straight
5-20P
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1589T8F1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1589T6C1BKRFAM HAMMOND-1589T6C1BKRFAM Datasheet
47Kb / 1P
   20 Amp Metered Horizontal Rackmount Outlet Strip
1589T6C1BKRRAM HAMMOND-1589T6C1BKRRAM Datasheet
47Kb / 1P
   20 Amp Metered Horizontal Rackmount Outlet Strip
1589T6F1BKRFAM HAMMOND-1589T6F1BKRFAM Datasheet
47Kb / 1P
   20 Amp Metered Horizontal Rackmount Outlet Strip
1589T6F1BKRRAM HAMMOND-1589T6F1BKRRAM Datasheet
47Kb / 1P
   20 Amp Metered Horizontal Rackmount Outlet Strip
More results

Similar Description - 1589T8F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
   A range of professional quality tweezers
logo
FSP TECHNOLOGY INC.
FSP460-70PFB FSP-FSP460-70PFB_15 Datasheet
141Kb / 1P
   industrial level of switching power supply.
FSP250-60FAG FSP-FSP250-60FAG_15 Datasheet
82Kb / 1P
   industrial level of switching power supply.
FSP280-20FGBBD FSP-FSP280-20FGBBD Datasheet
81Kb / 1P
   industrial level of switching power supply.
FSP350-70PFB FSP-FSP350-70PFB_15 Datasheet
142Kb / 1P
   industrial level of switching power supply.
FSP250-60PFG FSP-FSP250-60PFG_15 Datasheet
84Kb / 1P
   industrial level of switching power supply.
FSP250-60PLC FSP-FSP250-60PLC_15 Datasheet
140Kb / 1P
   industrial level of switching power supply.
FSP250-60PFK FSP-FSP250-60PFK Datasheet
142Kb / 1P
   industrial level of switching power supply
FSP250-60LG FSP-FSP250-60LG Datasheet
154Kb / 1P
   industrial level of switching power supply.
logo
Tyco Electronics
HFC MACOM-HFC Datasheet
75Kb / 1P
   COMMERCIAL/INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com