Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFS3806 Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRFS3806
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3806 Datasheet(HTML) 2 Page - International Rectifier

  AUIRFS3806 Datasheet HTML 1Page - International Rectifier AUIRFS3806 Datasheet HTML 2Page - International Rectifier AUIRFS3806 Datasheet HTML 3Page - International Rectifier AUIRFS3806 Datasheet HTML 4Page - International Rectifier AUIRFS3806 Datasheet HTML 5Page - International Rectifier AUIRFS3806 Datasheet HTML 6Page - International Rectifier AUIRFS3806 Datasheet HTML 7Page - International Rectifier AUIRFS3806 Datasheet HTML 8Page - International Rectifier AUIRFS3806 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AUIRFS3806
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.23mH
RG = 25Ω, IAS = 25A, VGS =10V. Part not recommended for
use above this value.
ƒ ISD ≤ 25A, di/dt ≤ 1580A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.075 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12.6
15.8
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
41
–––
–––
S
RG(int)
Internal Gate Resistance
–––
0.79
–––
Ω
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
22
30
nC
Qgs
Gate-to-Source Charge
–––
5.0
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
6.3
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
28.3
–––
td(on)
Turn-On Delay Time
–––
6.3
–––
ns
tr
Rise Time
–––
40
–––
td(off)
Turn-Off Delay Time
–––
49
–––
tf
Fall Time
–––
47
–––
Ciss
Input Capacitance
–––
1150
–––
Coss
Output Capacitance
–––
130
–––
Crss
Reverse Transfer Capacitance
–––
67
–––
pF
Coss eff. (ER) Effective Output Capacitance (Energy Related)h –––
190
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
230
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
43
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
170
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
22
33
ns
TJ = 25°C
VR = 51V,
–––
26
39
TJ = 125°C
IF = 25A
Qrr
Reverse Recovery Charge
–––
17
26
nC TJ = 25°C
di/dt = 100A/μs
f
–––
24
36
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.4
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 10V, ID = 25A
ID = 25A
RG = 20Ω
VGS = 10V f
VDD = 39V
ID = 25A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 25A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 25A f
VDS = VGS, ID = 50μA
VDS = 60V, VGS = 0V
VDS = 48V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 30V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 60V h
VGS = 0V, VDS = 0V to 60V g
Conditions
ID = 25A
VGS = 20V
VGS = -20V


Similar Part No. - AUIRFS3806

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3806 INFINEON-AUIRFS3806 Datasheet
743Kb / 10P
   AUTOMOTIVE GRADE
2015-12-2
AUIRFS3806TRL INFINEON-AUIRFS3806TRL Datasheet
743Kb / 10P
   AUTOMOTIVE GRADE
2015-12-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com