Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFS8408-7P Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRFS8408-7P
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS8408-7P Datasheet(HTML) 4 Page - International Rectifier

  AUIRFS8408-7P Datasheet HTML 1Page - International Rectifier AUIRFS8408-7P Datasheet HTML 2Page - International Rectifier AUIRFS8408-7P Datasheet HTML 3Page - International Rectifier AUIRFS8408-7P Datasheet HTML 4Page - International Rectifier AUIRFS8408-7P Datasheet HTML 5Page - International Rectifier AUIRFS8408-7P Datasheet HTML 6Page - International Rectifier AUIRFS8408-7P Datasheet HTML 7Page - International Rectifier AUIRFS8408-7P Datasheet HTML 8Page - International Rectifier AUIRFS8408-7P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
© 2013 International Rectifier
April 25 ,2013
AUIRFS8408-7P
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
60
120
180
240
300
360
420
Limited By Package
-60
-20
20
60
100
140
180
TJ , Temperature ( °C )
40
41
42
43
44
45
46
47
48
49
Id = 5.0mA
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC
Limited by Package
-5
0
5
10 15 20 25 30 35 40 45
VDS, Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
500
1000
1500
2000
2500
ID
TOP
25A
52A
BOTTOM 100A


Similar Part No. - AUIRFS8408-7P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS8408 IRF-AUIRFS8408 Datasheet
297Kb / 13P
   NEW ULTRA LOW ON-RESISTANCE
AUIRFS8408TRL IRF-AUIRFS8408TRL Datasheet
297Kb / 13P
   NEW ULTRA LOW ON-RESISTANCE
AUIRFS8408TRR IRF-AUIRFS8408TRR Datasheet
297Kb / 13P
   NEW ULTRA LOW ON-RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com