Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFZ46NL Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRFZ46NL
Description  Advanced Planar Technology Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFZ46NL Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRFZ46NL Datasheet HTML 3Page - International Rectifier AUIRFZ46NL Datasheet HTML 4Page - International Rectifier AUIRFZ46NL Datasheet HTML 5Page - International Rectifier AUIRFZ46NL Datasheet HTML 6Page - International Rectifier AUIRFZ46NL Datasheet HTML 7Page - International Rectifier AUIRFZ46NL Datasheet HTML 8Page - International Rectifier AUIRFZ46NL Datasheet HTML 9Page - International Rectifier AUIRFZ46NL Datasheet HTML 10Page - International Rectifier AUIRFZ46NL Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUIRFZ46NS/L
www.irf.com
7
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 13a. Basic Gate Charge Waveform
tp
VDS
IAS
VDD
V(BR)DSS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
100
200
300
400
500
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
V
= 25V
I
TOP
11A
20A
BOTTOM 28A
DD
D
VDS
L
D.U.T.
VDD
IAS
tp
0.01
Ω
RG
+
-
10V
QG
QGS
QGD
VG
Charge
10 V


Similar Part No. - AUIRFZ46NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ44N IRF-AUIRFZ44N Datasheet
179Kb / 11P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRFZ44N INFINEON-AUIRFZ44N Datasheet
325Kb / 9P
   Advanced Planar Technology
2017-09-25
logo
International Rectifier
AUIRFZ44NL IRF-AUIRFZ44NL Datasheet
279Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRFZ44NL INFINEON-AUIRFZ44NL Datasheet
643Kb / 11P
   Dynamic dV/dT and dI/dT capability
2015-10-27
logo
International Rectifier
AUIRFZ44NS IRF-AUIRFZ44NS Datasheet
279Kb / 13P
   AUTOMOTIVE GRADE
More results

Similar Description - AUIRFZ46NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com