Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRL1404ZS Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRL1404ZS
Description  HEXFET짰 Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRL1404ZS Datasheet(HTML) 4 Page - International Rectifier

  AUIRL1404ZS Datasheet HTML 1Page - International Rectifier AUIRL1404ZS Datasheet HTML 2Page - International Rectifier AUIRL1404ZS Datasheet HTML 3Page - International Rectifier AUIRL1404ZS Datasheet HTML 4Page - International Rectifier AUIRL1404ZS Datasheet HTML 5Page - International Rectifier AUIRL1404ZS Datasheet HTML 6Page - International Rectifier AUIRL1404ZS Datasheet HTML 7Page - International Rectifier AUIRL1404ZS Datasheet HTML 8Page - International Rectifier AUIRL1404ZS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AUIRL1404Z/S/L
4
www.irf.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
vs. Drain Current
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
7.0V
5.0V
4.5V
4.0V
3.5V
3.3V
BOTTOM
3.0V
60µs PULSE WIDTH
Tj = 25°C
3.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 175°C
3.0V
VGS
TOP
10V
7.0V
5.0V
4.5V
4.0V
3.5V
3.3V
BOTTOM
3.0V
2
3
4
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 10V
60µs PULSE WIDTH
0
50
100
150
200
ID,Drain-to-Source Current (A)
0
50
100
150
200
TJ = 25°C
TJ = 175°C
VDS = 10V


Similar Part No. - AUIRL1404ZS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRL1404ZS INFINEON-AUIRL1404ZS Datasheet
760Kb / 13P
   AUTOMOTIVE GRADE
2015-10-27
AUIRL1404ZSTRL INFINEON-AUIRL1404ZSTRL Datasheet
760Kb / 13P
   AUTOMOTIVE GRADE
2015-10-27
More results

Similar Description - AUIRL1404ZS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com