Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRL7736M2TR1 Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRL7736M2TR1
Description  DirectFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRL7736M2TR1 Datasheet(HTML) 5 Page - International Rectifier

  AUIRL7736M2TR1 Datasheet HTML 1Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 2Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 3Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 4Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 5Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 6Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 7Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 8Page - International Rectifier AUIRL7736M2TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AUIRL7736M2TR/TR1
www.irf.com
5
Fig 7. Typical Threshold Voltage vs. Junction Temperature
Fig 8. Typical Source-Drain Diode Forward Voltage
Fig 9. Typical Forward Transconductance Vs. Drain Current
Fig 10. Typical Capacitance vs.Drain-to-Source Voltage
Fig.11 Typical Gate Charge vs.Gate-to-Source Voltage
Fig 12. Maximum Drain Current vs. Case Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = -40°C
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 150μA
ID = 250μA
ID = 1.0mA
ID = 1.0A
0
20406080
100
120
ID,Drain-to-Source Current (A)
0
50
100
150
200
250
TJ = 25°C
TJ = 175°C
VDS = 5.0V
380μs PULSE WIDTH
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 32V
VDS= 20V
VDS= 8.0V
ID= 67A


Similar Part No. - AUIRL7736M2TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRL7736M2TR INFINEON-AUIRL7736M2TR Datasheet
439Kb / 11P
   AUTOMOTIVE GRADE
2015-10-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com