Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRLR3636TRR Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRLR3636TRR
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR3636TRR Datasheet(HTML) 5 Page - International Rectifier

  AUIRLR3636TRR Datasheet HTML 1Page - International Rectifier AUIRLR3636TRR Datasheet HTML 2Page - International Rectifier AUIRLR3636TRR Datasheet HTML 3Page - International Rectifier AUIRLR3636TRR Datasheet HTML 4Page - International Rectifier AUIRLR3636TRR Datasheet HTML 5Page - International Rectifier AUIRLR3636TRR Datasheet HTML 6Page - International Rectifier AUIRLR3636TRR Datasheet HTML 7Page - International Rectifier AUIRLR3636TRR Datasheet HTML 8Page - International Rectifier AUIRLR3636TRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AUIRLR3636
www.irf.com
5
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
0.1
0.4
0.7
1
1.3
1.6
1.9
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
110
Limited By Package
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
50
55
60
65
70
75
80
Id = 5mA
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA LIMITED BY R
DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec
DC
LIMITED BY PACKAGE
0 5 10 15 20 25 30 35 40 45 50 55 60 65
VDS, Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
ID
TOP
5.69A
10.64A
BOTTOM 50A


Similar Part No. - AUIRLR3636TRR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRLR3636TRR KERSEMI-AUIRLR3636TRR Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com