Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRLS3034 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRLS3034
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLS3034 Datasheet(HTML) 1 Page - International Rectifier

  AUIRLS3034 Datasheet HTML 1Page - International Rectifier AUIRLS3034 Datasheet HTML 2Page - International Rectifier AUIRLS3034 Datasheet HTML 3Page - International Rectifier AUIRLS3034 Datasheet HTML 4Page - International Rectifier AUIRLS3034 Datasheet HTML 5Page - International Rectifier AUIRLS3034 Datasheet HTML 6Page - International Rectifier AUIRLS3034 Datasheet HTML 7Page - International Rectifier AUIRLS3034 Datasheet HTML 8Page - International Rectifier AUIRLS3034 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
11/29/11
www.irf.com
1
HEXFET® Power MOSFET
S
D
G
PD - 97716A
AUIRLS3034
GD
S
Gate
Drain
Source
D
G
D2Pak
AUIRLS3034
S
AUTOMOTIVE GRADE
Features
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Lead-Free, RoHS Compliant
Automotive Qualified *
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
e
mJ
IAR
Avalanche Current d
A
EAR
Repetitive Avalanche Energy d
mJ
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case
kl
–––
0.4
RJA
Junction-to-Ambient (PCB Mount)
j
–––
40
A
°C
°C/W
375
4.6
±20
2.5
10lbf
xin (1.1Nxm)
-55 to + 175
300
Max.
343
c
243
c
1372
195
255
See Fig. 14, 15, 22a, 22b,
VDSS
40V
RDS(on) typ.
1.4m
max.
1.7m
ID (Silicon Limited)
343A
c
ID (Package Limited) 195A
Description
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to achieve
extremely low on-resistance per silicon area. Additional features of
this design are a 175°C junction operating temperature, fast
switching speed and improved repetitive avalanche rating . These
features combine to make this design an extremely efficient and
reliable device for use in Automotive applications and a wide variety
of other applications.


Similar Part No. - AUIRLS3034

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLS3034 INFINEON-AUIRLS3034 Datasheet
686Kb / 10P
   Advanced Process Technology
2015-11-4
logo
International Rectifier
AUIRLS3034-7P IRF-AUIRLS3034-7P Datasheet
270Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRLS3034-7P INFINEON-AUIRLS3034-7P Datasheet
704Kb / 10P
   AUTOMOTIVE GRADE
2015-11-4
logo
International Rectifier
AUIRLS3034-7TRL IRF-AUIRLS3034-7TRL Datasheet
270Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRLS3034-7TRL INFINEON-AUIRLS3034-7TRL Datasheet
704Kb / 10P
   AUTOMOTIVE GRADE
2015-11-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com