Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUXFS4409TRL Datasheet(PDF) 3 Page - International Rectifier

Part # AUXFS4409TRL
Description  HEXFET짰 Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUXFS4409TRL Datasheet(HTML) 3 Page - International Rectifier

  AUXFS4409TRL Datasheet HTML 1Page - International Rectifier AUXFS4409TRL Datasheet HTML 2Page - International Rectifier AUXFS4409TRL Datasheet HTML 3Page - International Rectifier AUXFS4409TRL Datasheet HTML 4Page - International Rectifier AUXFS4409TRL Datasheet HTML 5Page - International Rectifier AUXFS4409TRL Datasheet HTML 6Page - International Rectifier AUXFS4409TRL Datasheet HTML 7Page - International Rectifier AUXFS4409TRL Datasheet HTML 8Page - International Rectifier AUXFS4409TRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUXFS4409
www.irf.com
3
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Highest passing voltage.
Qualification Information
D2 PAK
MSL1
Qualification Level
Automotive
(per AEC-Q101)
Comments:
This
part
number(s)
passed Automotive
qualification. IR’s Industrial and Consumer qualification level
is granted by extension of the higher Automotive level.
Charged Device Model
Class C5 (+/- 2000)††
AEC-Q101-005
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M4 (+/- 500V)††
AEC-Q101-002
Human Body Model
Class H2 (+/- 4000V)††
AEC-Q101-001


Similar Part No. - AUXFS4409TRL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AUX_PWR INTEL-AUX_PWR Datasheet
7Mb / 956P
   LAN Access Division
More results

Similar Description - AUXFS4409TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com