Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSIONIRUH33P253B1M Datasheet(PDF) 4 Page - International Rectifier

Part # GSIONIRUH33P253B1M
Description  Total Ionizing Dose Test Report
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GSIONIRUH33P253B1M Datasheet(HTML) 4 Page - International Rectifier

  GSIONIRUH33P253B1M Datasheet HTML 1Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 2Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 3Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 4Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 5Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 6Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 7Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 8Page - International Rectifier GSIONIRUH33P253B1M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TID Test Report
IRUH33P253B1M
September 2005, Rev 1
205 Crawford St, Leominster, Ma 01453
Tel: 976-534-5776
www.irf.com
4
INTRODUCTION
This test report covers the total ionizing dose tests performed on the IRUH33P253B1M Ultra Low
Dropout linear regulator in a hermetic package. The total ionizing dose test was performed on ten
samples of the device from production lot 318855, which had completed MIL-PRF-38534 “K” level
assembly, screening and Group A testing May 20, 2004. On September 2
nd, 2005 International
Rectifier tested this device for total ionizing dose hardness at the University of Massachusetts,
Nuclear Research Facility using their CO
60 source.
SUMMARY OF RESULTS
All of the test samples passed the post radiation test requirements for total ionizing dose levels up
to 750K RAD(Si). The results show a significant degradation in the “OFF” biased samples above
750K RAD(Si) but the devices all passed the post radiation test requirements after a 168hr room
temperature anneal. The “ON” biased samples passed the post radiation test requirements for all
of the required dose levels.
TEST METHOD
The test method used as a guide in the development of the Test Plan was MIL-STD-883, Method
1019 Ionizing Radiation, Condition A. This method establishes the basic requirements for the
performance and execution of the tests.
TEST PLAN
The samples were exposed to CO
60 irradiation in both an “ON” and “OFF” biased state per the
requirements of the test plan and the radiation test specification. Post radiation testing of the
devices occurred at the UMass facility after each dose step was complete. The devices were
tested on September 2
nd, 2005 for post radiation effects for dose levels up to 1M Rad(Si). The
devices were then placed on an extended room temperature anneal for 168hrs.
ON Biased serial numbers: 1677, 1678, 1689, 1693, and 1771
OFF Biased serial numbers: 1676, 1683, 1749, 1759, and 1762
Control Samples: 1703 and 1730. 1703 used for this test.
The Radiation Test Specification is included in Appendix B. The testing occurred in the following
manner:
1.0
Purpose
The purpose of this test is to characterize and qualify the Total Ionizing Dose effects for International
Rectifier’s hybrid ultra low dropout regulator devices. The data resulting from the tests may be incorporated
in the IR data sheet for the product.
2.0
Test Responsibility
International Rectifier shall be responsible for conducting the tests, which shall be performed at the
University of Massachusetts Research Reactor facility. International Rectifier shall be responsible for the final
Test Report.


Similar Part No. - GSIONIRUH33P253B1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GSIONIRUH33PA13B20K IRF-GSIONIRUH33PA13B20K Datasheet
98Kb / 16P
   Total Ionizing Dose Test Report
More results

Similar Description - GSIONIRUH33P253B1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GSIONIRUH33PA13B20K IRF-GSIONIRUH33PA13B20K Datasheet
98Kb / 16P
   Total Ionizing Dose Test Report
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
   Total Ionizing Dose Test Report
GSION-IRUH3301 IRF-GSION-IRUH3301 Datasheet
77Kb / 17P
   Total Ionizing Dose Test Report
RDHA710FR10A1NK IRF-RDHA710FR10A1NK Datasheet
336Kb / 22P
   Neutron and Total Ionizing Dose Test
RDHA701FP10A8QK IRF-RDHA701FP10A8QK Datasheet
391Kb / 40P
   Neutron and Total Ionizing Dose Test
RDHA701CD10A2NK IRF-RDHA701CD10A2NK Datasheet
339Kb / 22P
   Neutron and Total Ionizing Dose Test
GSIONLDIRUH33P253B1M IRF-GSIONLDIRUH33P253B1M Datasheet
306Kb / 10P
   Low Dose Test Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
AN-999 IRF-AN-999 Datasheet
84Kb / 5P
   International Rectifier?셲 Total Dose Radiation
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com