Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRN11016N1002JR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRN11016N1002JR
Description  Isolated Resistor Termination Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRN11016N1002JR Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRN11016N1002JR Datasheet HTML 1Page - California Micro Devices Corp PRN11016N1002JR Datasheet HTML 2Page - California Micro Devices Corp PRN11016N1002JR Datasheet HTML 3Page - California Micro Devices Corp PRN11016N1002JR Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
10/25/2000
1
PRN100/110
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Isolated Resistor Termination Network
Features
• Stable resistor network
• High speed termination network
• 8 or 12 terminating lines/package
• Saves board space and reduces assembly cost
Product Description
CAMD’s PRN100/110 Isolated Resistor Termination
Networks offer high integration and performance in a
miniature QSOP or SOIC package, which saves critical
board area and provides manufacturing cost and
reliability efficiencies.
Why thin film resistor networks? A terminating resistor is
used to reduce or eliminate unwanted reflections on a
transmission line or in some cases provide DC pull-up/
pull-down. It can perform this function only when its
Applications
• Series termination
• Parallel termination
• Pull up/pull down
• Digital pulse squaring
• Coding and decoding
• Telemetry
Refer to AP-201 Termination Application Note for further
information.
C0970500
SCHEMATIC CONFIGURATION
resistance value is closely matched to the characteristic
impedance of the transmission line. The resistors used
for terminating transmission lines must be noiseless,
stable, and functional at high frequencies. Unlike thin
film-based resistor networks, conventional thick film
resistors used for this purpose are not stable over
temperature and time, and may have functional limita-
tions when used in high frequency applications.
20
21
22
23
24
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
19 18 17
16
16
15
15
14
14
13
13
12 11
1
1
2
2
3
3
4
4
5
9
5
6
10
6
7
11
7
8
12
8
9
10
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
R
C
Tm
p
p
0
0
1
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
2
1
o
t
C
°
5
5
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
P
K
1
<
R
r
o
f
W
m
0
0
1
R
r
o
f
W
m
5
2
≥ K
1
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
m
u
m
i
n
i
MM
0
0
0
,
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
+
o
t
C
°
5
6
g
n
i
t
a
R
r
e
w
o
P
e
g
a
k
c
a
P.
x
a
m
,
W
1
S
E
U
L
A
V
D
R
A
D
N
A
T
S
(
R
Ω)
d
e
t
a
l
o
s
I
e
d
o
C
(
R
Ω)
d
e
t
a
l
o
s
I
e
d
o
C
0
10
R
0
10
7
40
0
7
4
2
20
R
2
2K
11
0
0
1
3
30
R
3
3K
2
1
0
0
2
9
30
R
9
3K
7
.
4
1
0
7
4
0
0
10
0
0
1K
0
1
2
0
0
1
0
3
30
0
3
3
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
-
N
O
N
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
1
±
,
%
2
±
S
E
U
L
A
V
D
R
A
D
N
A
T
S
-
N
O
N
e
g
n
a
R
e
c
n
a
t
s
i
s
e
RK
0
1
o
t
0
1


Similar Part No. - PRN11016N1002JR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN111161001JR CALMIRCO-PRN111161001JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161001JT CALMIRCO-PRN111161001JT Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161002JR CALMIRCO-PRN111161002JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161002JT CALMIRCO-PRN111161002JT Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161101JR CALMIRCO-PRN111161101JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
More results

Similar Description - PRN11016N1002JR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NDC CALMIRCO-NDC Datasheet
86Kb / 1P
   ISOLATED RESISTOR NETWORK
logo
Bi technologies
BB1020DT BITECH-BB1020DT Datasheet
190Kb / 2P
   SCSI Termination Resistor network Low Voltage Differential (LVD)
logo
Welwyn Components Limit...
BB1020DT WELWYN-BB1020DT Datasheet
357Kb / 2P
   SCSI Termination Resistor network Low Voltage Differential (LVD)
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
logo
California Micro Device...
PACRPI CALMIRCO-PACRPI Datasheet
124Kb / 3P
   P/Active 1% Tolerance Precision Isolated series Termination Network
logo
Bourns Electronic Solut...
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com