Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVA2419 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CVA2419
Description  Triple 85MHz CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2419 Datasheet(HTML) 1 Page - Calogic, LLC

  CVA2419 Datasheet HTML 1Page - Calogic, LLC CVA2419 Datasheet HTML 2Page - Calogic, LLC CVA2419 Datasheet HTML 3Page - Calogic, LLC CVA2419 Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Triple 85MHz
CRT Driver
CVA2419TX
FEATURES
•• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85MHz
•• Rise/Fall Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . <5.0ns
•• Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 VP-P
•• Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V
•• Pin to Pin Compatible with CVA2415, CVA2416,
CVA2417, LM2416 and LM2419
APPLICATIONS
•• CRT Driver for 1280 x 1024 and 1024 x 768 Color
Monitors
DESCRIPTION
The CVA2419TX contains three wide bandwidth, large signal
amplifiers designed specially to drive high resolution color
monitors. This device will provide excellent drive capability for
the 1280 x 1024 and 1024 x 768 color monitor.
The
CVA2419TX is a low cost CRT driver designed to replace
discrete solutions.
The part is housed in the industry standard 11-lead TO-220
molded power package. The heat sink is floating and may be
grounded for ease of manufacturing and RFI shielding.
ORDERING INFORMATION
Part
Package
Temperature
CVA2419TX
T11A
-20
oC to +90oC
CORPORATION
CONNECTION DIAGRAM
V+
V
BIAS 3 (12V)
V
BIAS 2 (12V)
V
GND
V
V
BIAS 1 (12V)
V
OUT 3
IN 3
IN 2
OUT 2
OUT 1
IN 1
11
10
9
8
7
6
5
4
3
2
1
PIN 1 DESIGNATOR
T11A


Similar Part No. - CVA2419

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2419TX CALOGIC-CVA2419TX Datasheet
22Kb / 1P
   CRT Driver Amplifiers
More results

Similar Description - CVA2419

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2417TX CALOGIC-CVA2417TX Datasheet
46Kb / 4P
   Improved Triple 85MHz CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
   Triple 140MHz CRT Driver
CVA6629S CALOGIC-CVA6629S Datasheet
72Kb / 9P
   Triple 180MHz CRT Driver
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
   Low Cost Triple CRT Driver
CVA2400A CALOGIC-CVA2400A Datasheet
67Kb / 5P
   Low Cost Triple CRT Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com