Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVA3405T Datasheet(PDF) 2 Page - Calogic, LLC

Part # CVA3405T
Description  Low Cost Triple CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA3405T Datasheet(HTML) 2 Page - Calogic, LLC

  CVA3405T Datasheet HTML 1Page - Calogic, LLC CVA3405T Datasheet HTML 2Page - Calogic, LLC CVA3405T Datasheet HTML 3Page - Calogic, LLC CVA3405T Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16W
Storage Temperature . . . . . . . . . . . . . . . . . . . -50
oC to +150oC
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V
Operating Temperature . . . . . . . . . . . . . . . . . -20
oC to +100oC
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
oC
CVA3405T
CORPORATION
FIGURE 1. TEST CIRCUIT
GND
TAB
1P-24
VIN
VBIAS
C1 = 0.01
µF
C2 = 100
µF
C3 = 0.1
µF
D1, D2 = FHD400
C4 = 100
µF
C5 = 27pF
C6 = 8pF
C6
C4
C3
C2
C1
D2
D1
VIDEO
INPUT
V
CC
11,9,8
10
1,3,5
V
OUT
TEKTRONIX
FET PROBE
MODEL 6201
(CAP. 1.5pF)
CVA3405T
6
R1 = 47
2,4,7
R1
C5
DC ELECTRICAL CHARACTERISTICS Vs = 80V, CL = 8pF, DCINPUT BIAS = 12V, VIN = 2.6V, VOUT = 50Vp-p. TCASE = +25
oC.
See Figure 1.
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNITS
Icc
Supply Current, Per Channel
20
30
mA
IB
Bias Current
40
mA
VOUT DC
Output DC Level
47
50
53
V
Av
Voltage Gain
-11
-13
-15
V
Gain Matching
0.5
dB
AC ELECTRICAL CHARACTERISTICS Vs = 80V, CL = 8pF, DCINPUT BIAS = 12V, VIN = 2.6V, VOUT = 40Vp-p. TCASE = +25
oC.
See Figure 1.
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNITS
Tr
Rise Time
6
ns
Tf
Fall Time
6ns
Le
Linearity
5%
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CVA3405T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA3405T CALOGIC-CVA3405T Datasheet
22Kb / 1P
   CRT Driver Amplifiers
More results

Similar Description - CVA3405T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
   Low Cost Triple CRT Driver
CVA2400A CALOGIC-CVA2400A Datasheet
67Kb / 5P
   Low Cost Triple CRT Driver
CVA2401T CALOGIC-CVA2401T Datasheet
69Kb / 5P
   Low Cost Triple CRT Driver
CVA2400T CALOGIC-CVA2400T Datasheet
39Kb / 4P
   Low Cost Triple CRT Driver
CVA3404T CALOGIC-CVA3404T Datasheet
56Kb / 4P
   Low Cost Triple CRT Driver
CVA3407T CALOGIC-CVA3407T Datasheet
56Kb / 4P
   Low Cost Triple CRT Driver
CVA2405T CALOGIC-CVA2405T Datasheet
53Kb / 4P
   Low Cost Triple CRT Driver
CVA2403T CALOGIC-CVA2403T Datasheet
50Kb / 5P
   Low Cost Triple CRT Driver
CVA2415 CALOGIC-CVA2415 Datasheet
61Kb / 4P
   Low Cost Triple 65MHz CRT Driver
CVA2412AX CALOGIC-CVA2412AX Datasheet
50Kb / 4P
   Low Cost 100MHz Triple CRT Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com