Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVA4401 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CVA4401
Description  Low Power, 400MHz High Speed Triple Buffer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA4401 Datasheet(HTML) 1 Page - Calogic, LLC

  CVA4401 Datasheet HTML 1Page - Calogic, LLC CVA4401 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Power, 400MHz
High Speed Triple Buffer
CVA4401
FEATURES
•• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11000V/µs
•• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 400MHz
•• Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA
•• Wide Supply Voltage. . . . . . . . . . . . . . . . . . . ±3V to ±18V
•• Supply Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
•• Short Circuit Product
•• Low Bias Current
APPLICATIONS
•• CRTAmplifier Drivers
•• Coaxial Cable Driver
GENERAL DESCRIPTION
The CVA4401 is a low power, wide bandwidth triple buffer
amplifier.
The CVA4401 delivers a -3dB bandwidth of
400MHz, 150mA, and 11000V/
µs while only drawing 5mA of
supply current. The CVA4401 operates over a wide supply
voltage range of
±5V to ±18V.
This product is an excellent choice for driving the video signal
from Pre-Amp active load CRT driver.
ORDERING INFORMATION
Part
Package
Temperature Range
CVA4401
Plastic Dip 16 Lead
-20
oC to +100oC
CORPORATION
PIN CONFIGURATION
1P-05
1
2
3
16
15
14
413
PLASTIC DIP
5
6
7
12
11
10
8
9
N/C
N/C
N/C
TOP VIEW
+V
CC
V
IN3
–V
CC
V
IN2
VIN1
–V
CC
N/C
VOUT1
+V
CC
V
OUT2
+V
CC
–V
CC
V
OUT3
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CVA4401

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
   Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
More results

Similar Description - CVA4401

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4102 CALOGIC-CLM4102 Datasheet
48Kb / 5P
   Low Power, 400MHz High Speed Buffer
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
   Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
logo
Nexperia B.V. All right...
74AUP3G34 NEXPERIA-74AUP3G34 Datasheet
266Kb / 18P
   Low-power triple buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
NXP Semiconductors
74AUP3G34 PHILIPS-74AUP3G34_15 Datasheet
229Kb / 23P
   Low-power triple buffer
Rev. 1-18 December 2014
logo
Texas Instruments
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
   High-speed low power triple operational amplifier
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
   HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com