Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWB211CP Datasheet(PDF) 4 Page - Calogic, LLC

Part # CWB211CP
Description  100MHz CMOS/DMOS Wideband Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB211CP Datasheet(HTML) 4 Page - Calogic, LLC

  CWB211CP Datasheet HTML 1Page - Calogic, LLC CWB211CP Datasheet HTML 2Page - Calogic, LLC CWB211CP Datasheet HTML 3Page - Calogic, LLC CWB211CP Datasheet HTML 4Page - Calogic, LLC CWB211CP Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CWB211
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC unless otherwise specified)
SWITCH OFF ISOLATION REJECTION RATIO
-VS-
FREQUENCY
90
80
70
60
50
40
30
20
12
5
10
20
50
100
f - Frequency (MHz)
100
V-, V+ = +15V
_
R = 50
L
12
5
10
20
50
100
f - Frequency (MHz)
V-, V+ = +15V
_
0
1
2
3
4
5
6
7
8
V = 0.1V
S
RMS
R = 50
L
L
R = 1K
INSERTION LOSS
-VS-
FREQUENCY
V-, V+ - Supply Voltages (Volts)
-50
-25
0
+25
+50
+75 +100 +125
T - Ambient Temperature ( C)
A
o
2.2
2.1
1.9
1.8
1.7
1.6
1.5
+8
_
+9
_
+10
_
+11
_
+12
_
+13
_
+14
_
+15
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
LOGIC THRESHOLD
-VS-
SUPPLY VOLTAGES
SUPPLY CURRENTS
-VS-
AMBIENT TEMPERATURE
_
I-
I+
IN
V
= +2.4V
+15V
_
V-, V+ =
2.0


Similar Part No. - CWB211CP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CP CALOGIC-CWB201CP Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CY CALOGIC-CWB201CY Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB2214CP CALOGIC-CWB2214CP Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
More results

Similar Description - CWB211CP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB5341 CALOGIC-CWB5341 Datasheet
36Kb / 3P
   Dual Monolithic CMOS/DMOS T Configuration Analog Switch
CWB4500 CALOGIC-CWB4500 Datasheet
40Kb / 4P
   CMOS/DMOS Wideband High-Frequency Multiplexer
logo
SG Micro Corp
SGM4583 SGMICRO-SGM4583 Datasheet
369Kb / 17P
   CMOS Analog Switch
logo
Intersil Corporation
HI-390 INTERSIL-HI-390 Datasheet
56Kb / 7P
   CMOS Analog Switch
July 1999
logo
Zarlink Semiconductor I...
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
   Quad CMOS Analog Switch
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com