Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1600-XC6DT2-PRIME Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # 1600-XC6DT2-PRIME
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

1600-XC6DT2-PRIME Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  1600-XC6DT2-PRIME Datasheet HTML 1Page - MTU Onsite Energy Corporation 1600-XC6DT2-PRIME Datasheet HTML 2Page - MTU Onsite Energy Corporation 1600-XC6DT2-PRIME Datasheet HTML 3Page - MTU Onsite Energy Corporation 1600-XC6DT2-PRIME Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
///  /
1600-XC6DT2
// 
Engine
Manufacturer
MTU
Model
12V 4000 G83
Type
4-Cycle
Arrangement
12-V
Displacement: L (in3)
57.2 (3,491)
Bore: cm (in)
17 (6.69)
Stroke: cm (in)
21 (8.27)
Compression Ratio
16.5:1
Rated RPM
1,800
Engine Governor
Electronic Isochronous (ADEC)
Maximum Power: kWm (bhp)
1,736 (2,328)
Speed Regulation
±0.25%
Air Cleaner
Dry
// 
Liquid Capacity (Lubrication)
Total Oil System: L (gal)
260 (68.7)
Engine Jacket Water Capacity: L (gal)
160 (42.3)
After Cooler Water Capacity: L (gal)
40 (10.6)
System Coolant Capacity: L (gal)
583 (154)
// 
Electrical
Electric Volts DC
24
Cold Cranking Amps Under -17.8 °C (0 °F)
2,800
// 
Fuel System
Fuel Supply Connection Size
#16 JIC 37° Female
1” NPT Adapter Provided
Fuel Return Connection Size
#16 JIC 37° Female
1” NPT Adapter Provided
Maximum Fuel Lift: m (ft)
1 (3)
Recommended Fuel
Diesel #2
Total Fuel Flow: L/hr (gal/hr)
960 (254)
// 
Fuel Consumption
PRIME
At 100% of Power Rating: L/hr (gal/hr)
420 (111)
At 75% of Power Rating: L/hr (gal/hr)
322 (85)
At 50% of Power Rating: L/hr (gal/hr)
227 (60)
// 
Cooling - Radiator System
PRIME
Ambient Capacity of Radiator: °C (°F)
40 (104)
Maximum Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: kPa (in. H
20)
0.12 (0.5)
Water Pump Capacity: L/min (gpm)
1,117 (295)
After Cooler Pump Capacity: L/min (gpm)
583 (154)
Heat Rejection to Coolant: kW (BTUM)
666 (37,875)
Heat Rejection to After Cooler: kW (BTUM)
484 (27,525)
Heat Radiated to Ambient: kW (BTUM)
145.1 (8,254)
Fan Power: kW (hp)
48.7 (65.3)
// 
Air Requirements
PRIME
Aspirating: *m3/min (SCFM)
138 (4,873)
Air Flow Required for Rad.
Cooled Unit: *m3/min (SCFM)
1,702 (60,120)
Remote Cooled Applications;
Air Flow Required for Dissipation
of Radiated Gen-set Heat for a
Max of 25 °F Rise: *m3/min (SCFM)
530 (18,616)
* Air density = 1.184 kg/m3 (0.0739 lbm/ft3)
// 
Exhaust System
PRIME
Gas Temp. (Stack): °C (°F)
435 (815)
Gas Volume at Stack
Temp: m3/min (CFM)
342 (12,078)
Maximum Allowable
Back Pressure: kPa (in. H
20)
8.5 (34.1)
APPLICATION DATA


Similar Part No. - 1600-XC6DT2-PRIME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1600-0028 ETC2-1600-0028 Datasheet
226Kb / 1P
   Touchscrnns Stylus 4 in 1
1600-02 ETC2-1600-02 Datasheet
81Kb / 1P
   KNOB
logo
Gilway Technical Lamp
1600-1 GILWAY-1600-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
1600-19A GILWAY-1600-19A Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
1600-9A GILWAY-1600-9A Datasheet
82Kb / 1P
   T-1 Lamps, Visible-Infrared
More results

Similar Description - 1600-XC6DT2-PRIME

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com