Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3250-XC6DT2-STANDBY Datasheet(PDF) 2 Page - MTU Onsite Energy Corporation

Part # 3250-XC6DT2-STANDBY
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

3250-XC6DT2-STANDBY Datasheet(HTML) 2 Page - MTU Onsite Energy Corporation

  3250-XC6DT2-STANDBY Datasheet HTML 1Page - MTU Onsite Energy Corporation 3250-XC6DT2-STANDBY Datasheet HTML 2Page - MTU Onsite Energy Corporation 3250-XC6DT2-STANDBY Datasheet HTML 3Page - MTU Onsite Energy Corporation 3250-XC6DT2-STANDBY Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
///  /
3250-XC6DT2
// 
Engine
Air Cleaners
Oil Pump
Oil Drain Extension & S/O Valve
Full Flow Oil Filter
Closed Crankcase Ventilation
Jacket Water Pump
Inter Cooler Water Pump
Thermostats
Blower Fan & Fan Drive
Radiator - Unit Mounted
Electric Starting Motor - 24V
Governor – Electronic Isochronous
Base - Structural Steel
SAE Flywheel & Bell Housing
Charging Alternator - 24V
Battery Box & Cables
Flexible Fuel Connectors
Flexible Exhaust Connection
EPA Certified Engine
// 
Generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise
and motor starting
Sustained short circuit current of up to 300% of the rated current for
up to 10 seconds
Self-Ventilated and Drip-Proof
Superior Voltage Waveform
Digital, Solid State, Volts-per-Hertz Regulator
No Load to Full Load Regulation
Brushless Alternator with Brushless Pilot Exciter
4 Pole, Rotating Field
130 °C Maximum Standby Temperature Rise
2 Bearings, Sealed
Flexible Coupling
Full Amortisseur Windings
125% Rotor Balancing
3-Phase Voltage Sensing
±0.25% Voltage Regulation
5% Maximum Total Harmonic Distortion
// 
Digital Control Panel(s)
Digital Metering
Engine Parameters
Generator Protection Functions
Engine Protection
CAN Bus ECU Communications
Windows®-Based Software
Multilingual Capability
Remote Communications to RDP-110 Remote Annunciator
16 Programmable Contact Inputs
Up to 11 Contact Outputs
UL Recognized, CSA Certified, CE Approved
Event Recording
IP 54 Front Panel Rating with Integrated Gasket
NFPA110 Compatible
STANDARD EQUIPMENT*
// 
MTU Onsite Energy is a single source supplier
// 
Global Product Support
// 
2 Year Standard Warranty
// 
20V 4000 Diesel Engine
- 95.4 Liter Displacement
- Common Rail Fuel Injection
- 4-Cycle
// 
Complete Range of Accessories
// 
Generator
- Brushless, Rotating Field Generator
- 2/3 Pitch Windings
- PMG (Permanent Magnet Generator) supply to regulator
- 300% Short Circuit Capability
// 
Digital Control Panel(s)
- UL Recognized, CSA Certified, NFPA 110
- Complete System Metering
- LCD Display
// 
Cooling System
- Integral Set-Mounted
- Engine Driven Fan
STANDARD FEATURES*
* Represents standard product only. Consult Factory/MTU Onsite Energy Distributor for additional configurations.


Similar Part No. - 3250-XC6DT2-STANDBY

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
3250-XC6DT2 MTU-3250-XC6DT2 Datasheet
599Kb / 4P
   DIESEL ENGINE-GENERATOR SET
More results

Similar Description - 3250-XC6DT2-STANDBY

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com