Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP40D6S Datasheet(PDF) 2 Page - MTU Onsite Energy Corporation

Part # DP40D6S
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DP40D6S Datasheet(HTML) 2 Page - MTU Onsite Energy Corporation

  DP40D6S Datasheet HTML 1Page - MTU Onsite Energy Corporation DP40D6S Datasheet HTML 2Page - MTU Onsite Energy Corporation DP40D6S Datasheet HTML 3Page - MTU Onsite Energy Corporation DP40D6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
///  / DP40D6S
// 
Engine
Air Cleaner
Oil Pump
Oil Drain Extension & S/O Valve
Full Flow Oil Filter
Fuel Filter with Water Separator
Jacket Water Pump
Thermostat
Blower Fan & Fan Drive
Radiator - Unit Mounted
Electric Starting Motor - 12V
Governor – Mechanical Droop
Base - Formed Steel
SAE Flywheel & Bell Housing
Charging Alternator - 12V
Battery Box & Cables
Flexible Fuel Connectors
Flexible Exhaust Connection
EPA Certified Engine
// 
Generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise
and motor starting
Self-Ventilated and Drip-Proof
Superior Voltage Waveform
Solid State, Volts-per-Hertz Regulator
±1% Voltage Regulation No Load to Full Load
Brushless Alternator with Brushless Pilot Exciter
4 Pole, Rotating Field
105 °C Maximum Prime Temperature Rise
1 Bearing, Sealed
Flexible Coupling
Full Amortisseur Windings
125% Rotor Balancing
3-Phase Voltage Sensing
100% of Rated Load - One Step
5% Maximum Total Harmonic Distortion
// 
Digital Control Panel(s)
Digital Metering
Engine Parameters
Generator Protection Functions
Engine Protection
SAE J1939 Engine ECU Communications
Windows®-Based Software
Multilingual Capability
Remote Communications to RDP-110 Remote Annunciator
Programmable Contact Inputs
Programmable Contact Outputs
UL Recognized, CSA Certified, CE Approved
Event Recording
IP 54 Front Panel Rating with Integrated Gasket
NFPA110 Compatible
STANDARD EQUIPMENT*
// 
MTU Onsite Energy is a single source supplier
// 
Global Product Support
// 
2 Year Standard Warranty
// 
4045TF280 Diesel Engine
- 4.5 Liter Displacement
- Mechanical Injection Pump
- 4-Cycle
// 
Engine-generator resilient mounted
// 
Complete Range of Accessories
// 
Generator
- Brushless, Rotating Field Generator
- 2/3 Pitch Windings
- 300% Short Circuit Capability with Optional PMG
// 
Digital Control Panel(s)
- UL Recognized, CSA Certified, NFPA 110
- Complete System Metering
- LCD Display
// 
Cooling System
- Integral Set-Mounted
- Engine Driven Fan
STANDARD FEATURES*
* Represents standard product only. Consult Factory/MTU Onsite Energy Distributor for additional configurations.


Similar Part No. - DP40D6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
logo
Artesyn Technologies
DP4009N2M ARTESYN-DP4009N2M Datasheet
516Kb / 2P
   DP40 40 Watts
DP4009N2M ARTESYN-DP4009N2M Datasheet
516Kb / 2P
   DP40 40 Watts
More results

Similar Description - DP40D6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com