Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6674PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6674PBF
Description  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6674PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6674PBF Datasheet HTML 1Page - International Rectifier IRF6674PBF Datasheet HTML 2Page - International Rectifier IRF6674PBF Datasheet HTML 3Page - International Rectifier IRF6674PBF Datasheet HTML 4Page - International Rectifier IRF6674PBF Datasheet HTML 5Page - International Rectifier IRF6674PBF Datasheet HTML 6Page - International Rectifier IRF6674PBF Datasheet HTML 7Page - International Rectifier IRF6674PBF Datasheet HTML 8Page - International Rectifier IRF6674PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6674TRPbF
2
www.irf.com
S
D
G
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Electrical Characteristic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.07
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
9.0
11
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
4.0
4.9
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-11
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
16
–––
–––
S
Qg
Total Gate Charge
–––
24
36
Qgs1
Pre-Vth Gate-to-Source Charge
–––
5.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.9
–––
nC
Qgd
Gate-to-Drain Charge
–––
8.3
12
Qgodr
Gate Charge Overdrive
–––
8.4
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
10.2
–––
Qoss
Output Charge
–––
14
–––
nC
RG
Gate Resistance
–––
1.0
–––
Ω
td(on)
Turn-On Delay Time
–––
7.0
–––
tr
Rise Time
–––
12
–––
td(off)
Turn-Off Delay Time
–––
12
–––
ns
tf
Fall Time
–––
8.7
–––
Ciss
Input Capacitance
–––
1350
–––
Coss
Output Capacitance
–––
390
–––
pF
Crss
Reverse Transfer Capacitance
–––
105
–––
Coss
Output Capacitance
–––
1580
–––
Coss
Output Capacitance
–––
290
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
67
(Body Diode) TJ= 25°C
A
ISM
Pulsed Source Current
–––
–––
134
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
32
48
ns
Qrr
Reverse Recovery Charge
–––
36
54
nC
MOSFET symbol
RG = 6.2 Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 48V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 30V, VGS = 10V
i
VGS = 0V
ƒ = 1.0MHz
ID = 13.4A
VDS = VGS, ID = 100μA
VDS = 60V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 13.4A
i
TJ = 25°C, IF = 13.4A, VDD = 50V
di/dt = 100A/μs
c
TJ = 25°C, IS = 13.4A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
ID = 13.4A
VDS = 48V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 25V, ID = 13.4A
VDS = 30V


Similar Part No. - IRF6674PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674PBF IRF-IRF6674PBF Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com