Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST270 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SST270
Description  P-Channel JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST270 Datasheet(HTML) 2 Page - Calogic, LLC

  SST270 Datasheet HTML 1Page - Calogic, LLC SST270 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J270 – J271 / SST270 – SST271
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC unless otherwise noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMIT
UNIT
Gate-Drain Voltage
VGD
30
V
Gate-Source Voltage
VGS
30
V
Gate Current
IG
-50
mA
Power Dissipation
PD
350
mW
Power Derating
2.8
mW/
oC
Operating Junction Temperature
TJ
-55 to 150
oC
Storage Temperature
Tstg
-55 to 150
oC
Lead Temperature (1/16" from case for 10 seconds)
TL
300
oC
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise noted)
SYMBOL
PARAMETER
TYP
1
270
271
UNIT
TEST CONDITIONS
MIN
MAX
MIN
MAX
STATIC
V(BR)GSS
Gate-Source Breakdown Voltage
45
30
30
V
IG = 1
µA, VDS = 0V
VGS(OFF)
Gate-Source Cutoff Voltage
0.5
2.0
1.5
4.5
VDS = -15V, ID = -1nA
IDSS
Saturation Drain Current
2
-2
-15
-6
-50
mA
VDS = -15V, VGS = 0V
IGSS
Gate Reverse Current
10
200
200
pA
VGS = 20V, VDS = 0V
5nA
TA = 125
oC
IG
Gate Operating Current
10
pA
VDG = -15V, ID = -1mA
VGS(F)
Gate-Source Forward Voltage
-0.7
V
IG = -1mA, VDS = 0V
DYNAMIC
gfs
Common-Source Forward
Transconductance
6
15818
mS
VDS = -15V, VGS = 0V
f = 1kHz
gos
Common-Source Output
Conductance
200
500
µS
Ciss
Common-Source Input Capacitance
20
pF
VDS = -15V, VGS = 0V
f = 1MHz
Crss
Common-Source Reverse
Transfer Capacitance
4
en
Equivalent Input Noise Voltage
20
nV
√
Hz
VDS = -10V, VGS = 0V
f = 1kHz
NOTES: 1. For design aid only, not subject to production testing.
2. Pulse test; PW = 300
µs, duty cycle ≤ 3%.


Similar Part No. - SST270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST270 VISHAY-SST270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST270 VISHAY-SST270 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
SST270 NJSEMI-SST270 Datasheet
559Kb / 2P
   J270 - J271 /SST270 - SST271
logo
Vishay Siliconix
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
More results

Similar Description - SST270

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5116_TO-18 MICROSS-LS5116_TO-18 Datasheet
283Kb / 1P
   P-CHANNEL JFET
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
   P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
   P-CHANNEL JFET
SST5116_SOT-23 MICROSS-SST5116_SOT-23 Datasheet
277Kb / 1P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5116 NJSEMI-2N5116 Datasheet
78Kb / 1P
   P-CHANNEL JFET
logo
Micross Components
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
   P-CHANNEL JFET
LS5115_TO-18 MICROSS-LS5115_TO-18 Datasheet
309Kb / 1P
   P-CHANNEL JFET
LSJ174_TO-18 MICROSS-LSJ174_TO-18 Datasheet
306Kb / 1P
   P-CHANNEL JFET
LSJ175_TO-92 MICROSS-LSJ175_TO-92 Datasheet
304Kb / 1P
   P-CHANNEL JFET
LS5116_SOT-23 MICROSS-LS5116_SOT-23 Datasheet
277Kb / 1P
   P-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com