Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6810STR1PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6810STR1PBF
Description  DirectFET짰Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6810STR1PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6810STR1PBF Datasheet HTML 1Page - International Rectifier IRF6810STR1PBF Datasheet HTML 2Page - International Rectifier IRF6810STR1PBF Datasheet HTML 3Page - International Rectifier IRF6810STR1PBF Datasheet HTML 4Page - International Rectifier IRF6810STR1PBF Datasheet HTML 5Page - International Rectifier IRF6810STR1PBF Datasheet HTML 6Page - International Rectifier IRF6810STR1PBF Datasheet HTML 7Page - International Rectifier IRF6810STR1PBF Datasheet HTML 8Page - International Rectifier IRF6810STR1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6810STRPbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 25μA
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
140
160
180
200
220
ID
TOP
1.6A
2.4A
BOTTOM 13A
0.3
0.5
0.7
0.9
1.1
1.3
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
0.01
0.1
1
10
100
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Ta = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC


Similar Part No. - IRF6810STR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6810STR1PBF IRF-IRF6810STR1PBF Datasheet
283Kb / 9P
   RoHS Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com