Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2300 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2300
Description  8 MBd Low Input Current Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2300 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Switching Specifications
For -40°C ≤ T
A ≤ 85°C, 0.5 mA ≤ IFH ≤ 0.75 mA; For 0°C ≤ TA ≤ 85°C, 0.5 mA ≤ IFH ≤ 1.0 mA; With 4.75 V ≤ VCC ≤ 5.25 V, VFL
≤ 0.8 V, unless otherwise specified.
All typicals at T
A = 25°C and VCC = 5 V, IFH = 0.625 mA, unless otherwise specified. See note 1.
Parameter
Symbol Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
t
PLH
95
ns
C
P = 0 pF
5, 6, 8
4, 8
85
160
C
P = 20 pF
5, 8
Propagation Delay Time
t
PHL
110
ns
C
P = 0 pF
5, 6, 8
5, 8
35
200
C
P = 20 pF
5, 8
Output Rise Time (10-90%)
t
r
40
ns
C
P = 20 pF
7, 8
8
Output Fall Time (90-10%)
t
f
20
ns
Common Mode Transient
Immunity at High
Output Level
|CM
H|
100
400
V/µs
V
CM = 50 V (peak),
V
O (min.) = 2 V,
R
L = 560 Ω,
I
F = 0 mA
9, 10
6
Common Mode Transient
Immunity at Low
Output Level
|CM
L|
100
400
V/µs
V
CM = 50 V (peak),
V
O (max.) = 0.8 V,
R
L = 560 Ω,
I
F = 0.5 mA
9, 10
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
V
FL
-2.5
0.8
V
Input Current High Level
0°C to 85°C
I
FH
0.5
1.0
mA
-40°C to 85°C
0.5
0.75
Supply Voltage, Output
V
CC
4.75
5.25
V
Fan Out (TTL Load)
N
5
Operating Temperature
T
A
-40
85
°C
DC Electrical Specifications
For -40°C ≤ T
A ≤ 85°C, 4.75 V ≤ VCC ≤ 5.25 V, VFL ≤ 0.8 V, unless otherwise specified.
All typicals at T
A = 25°C and VCC = 5 V , unless otherwise specified. See note 1.
Parameter
Symbol Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Output
Current
I
OH
0.05
250
µA
V
F = 0.8 V, VO = 18 V
4
Low Level Output
Voltage
V
OL
0.4
0.5
V
I
F = 0.5 mA
I
OL (Sinking) = 8 mA
3
High Level Supply
Current
I
CCH
4.0
6.3
mA
I
F = 0 mA, VCC = 5.25 V
Low Level Supply Current
I
CCL
6.2
10.0
mA
I
F = 1.0 mA, VCC = 5.25 V
Input Forward Voltage
V
F
1.0
1.3
1.5
V
T
A = 25°C
I
F = 1.0 mA
2
0.85
1.65
Input Diode Temperature
Coefficient
∆V
F
∆T
A
-1.6
mV/°C
I
F = 1.0 mA
Input Reverse
Breakdown Voltage
BV
R
3.0
V
I
R = 10 µA
Input Capacitance
C
IN
18
pF
V
F = 0 V, f = 1 MHz
Internal Pull-up Resistor
R
L
680
1000
1700
T
A = 25°C


Similar Part No. - HCPL-2300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

Similar Description - HCPL-2300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com