Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH4002N Datasheet(PDF) 5 Page - Calogic, LLC

Part # LH4002N
Description  Wideband Video Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH4002N Datasheet(HTML) 5 Page - Calogic, LLC

  LH4002N Datasheet HTML 1Page - Calogic, LLC LH4002N Datasheet HTML 2Page - Calogic, LLC LH4002N Datasheet HTML 3Page - Calogic, LLC LH4002N Datasheet HTML 4Page - Calogic, LLC LH4002N Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CORPORATION
Wideband Unity Gain Amplifier
+5V
V
IN
-5V
3
1
2
8
4
5
V
OUT
-5V
0.01
µF
0.1
µF
+5V
50
LH4002CN
0.1
µF
0.01
µF
50
OP-AMP
+
_
Short Circuit Protection
VOUT
3
1
2
8
4
5
-5V
+5V
INPUT
10
9
7
6
LH4002
LH4002A / LH4002 / LH4002C
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - LH4002N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4001 NSC-LH4001 Datasheet
127Kb / 6P
   Wideband Current Buffer
LH4001CN NSC-LH4001CN Datasheet
127Kb / 6P
   Wideband Current Buffer
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LH4003C NSC-LH4003C Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
   WIDEBAND FET - INPUT BUFFER / AMPLIFIER
More results

Similar Description - LH4002N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
LMH6739 TI1-LMH6739 Datasheet
932Kb / 19P
[Old version datasheet]   Very Wideband, Low Distortion Triple Video Buffer
logo
National Semiconductor ...
LMH6739 NSC-LMH6739_07 Datasheet
418Kb / 12P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Intersil Corporation
LMH6739 INTERSIL-LMH6739 Datasheet
418Kb / 12P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
National Semiconductor ...
LMH6739 NSC-LMH6739 Datasheet
796Kb / 10P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com