Selected language     English  â–Ľ


N-48X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. N-48X
Description  P O W E R T R A N S F O R M E R CHASSIS MOUNT : Isolation
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: September 12, 2006
N-48X
Electrical Specifications (@25°C)
1. Maximum Power:
15 VA
2. Input Voltage:
115 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 0.13 Amps RMS
5. Voltage Regulation: 20 % TYP @ full load to no load
Description:
The N-48X is power transformer for isolating equipment from direct connection to the
power line. It is constructed with nonconcentrically wound coils. The primary and
secondary are wound on separate arbors, then assembled on a laminate core
side-by-side separated by insulation. This prevents electrical connection under
normal or overload conditions between the primary and secondary windings.
D
B
C
A
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B
insulation system.
Dimensions:
Unit: In inches
Weight: 1.35 lbs
A
B
C
D
1.937
3.312
2.00
2.812
Connections: 7.0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
BLK
BLK
RED
RED
WHT
Input: Blk to Blk
Output: Red to Red
Shield: Wht
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl