Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4201MNR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4201MNR2G
Description  Programmable Multi-Phase Synchronous Buck Converter with PMBus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4201MNR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4201MNR2G Datasheet HTML 1Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 2Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 3Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 4Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 5Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 6Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 7Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 8Page - ON Semiconductor NCP4201MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
NCP4201
http://onsemi.com
2
Figure 1. Simplified Block Diagram
VCC
PRECISION
REFERENCE
DELAY
GND
NCP4201
23
EN
11
PWRGD
6
RAMPADJ
17
RT
16
PWM2
PWM3
PWM4
SW3
SW2
SW1
CSREF
7
CSCOM
P
SW4
CSSUM
21
FB
18
PWM1
VID2
VID1
VID7
VID6
40
29
28
COM
FBRTN
15
VID DAC
CURRENT
MEASUREMENT
AND LIMIT
CROWBAR
CURRENT
LIMIT
+
CMP
+
CMP
+
CMP
31
CURRENT
BALANCING
CIRCUIT
2 / 3 / 4−PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
35
36
37
38
24
22
10
14
+
OSCILLATOR
+
25
32
34
33
9
IREF
VID0
OD1
8
IMON
CONTROL
CONTROL
CONTROL
DIGITAL CONFIG
& VALUE
REGISTERS
CONTROL
ADC
CONTROL
30
13
ALERT
3
2
26
27
PMBUS
SCL SDA
5
4
BOOT VOLTAGE &
SOFT START CONTROL
FAULT
ILIMITFS 19
1
VCC3
Overvoltage
Threshold
+
850mV
+
+
CSREF
UVLO
SHUTDOWN
SHUNT
REGULATOR
3.3V
REGULATOR
Undervoltage
Threshold
LIMIT
REGISTERS
COMPARATOR
STATUS
REGISTERS
+
CMP
RESET
ODN
39 PSI
20
12
TRDET
Voltage
Threshold
VID5
VID4
VID3


Similar Part No. - NCP4201MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
More results

Similar Description - NCP4201MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com