Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4201 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4201
Description  Programmable Multi-Phase Synchronous Buck Converter with PMBus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4201 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4201 Datasheet HTML 4Page - ON Semiconductor NCP4201 Datasheet HTML 5Page - ON Semiconductor NCP4201 Datasheet HTML 6Page - ON Semiconductor NCP4201 Datasheet HTML 7Page - ON Semiconductor NCP4201 Datasheet HTML 8Page - ON Semiconductor NCP4201 Datasheet HTML 9Page - ON Semiconductor NCP4201 Datasheet HTML 10Page - ON Semiconductor NCP4201 Datasheet HTML 11Page - ON Semiconductor NCP4201 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
NCP4201
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS VIN = 5.0 V, FBRTN = GND for typical values TA = 0°C to 85°C, unless otherwise noted.
(Note 1 and 3).
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
POWER−GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
−600
−500
−400
mV
Undervoltage Adjustment Range
Low
PWRGD_LO Register = 000
−500
mV
Undervoltage Adjustment Range
High
PWRGD_LO Register = 111
−150
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to DAC output, PWRGD_Hi = 00
200
300
400
mV
Overvoltage Adjustment Range
Low
PWRGD_Hi Register = 11
150
mV
Overvoltage Adjustment Range
High
PWRGD_Hi Register = 00
300
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = −4 mA
150
300
mV
Power Good Delay Time
During Soft−Start
Internal Timer
2.0
ms
VID Code Changing
100
250
ms
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to DAC output, PWRGD_Hi = 00
200
300
400
mV
Crowbar Adjustment Range
PWRGD_HI Register
150
300
mV
Crowbar Reset Point
Relative to FBRTN
250
300
350
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
250
ms
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
IPWM(SINK) =
−400 mA
VOL(PWM)
160
500
mV
Output High Voltage
IPWM(SOURCE)
= 400 mA
VOH(PWM)
4.0
5.0
V
PMBus INTERFACE
Logic High Input Voltage
VIH(SDA, SCL)
2.1
V
Logic Input Low Voltage
VIL(SDA, SCL)
0.8
V
Hysteresis
500
mV
SDA Output Low Voltage
VOL
ISDA = −6 mA
0.4
V
Input Current
IIH; IIL
−1.0
1.0
mA
Input Capacitance
CSCL, SDA
5.0
pF
Clock Frequency
fSCL
400
kHz
SCL Falling Edge to SDA Valid
Time
1.0
ms
ALERT / FAULT OUTPUTS
Output Low Voltage
VOL
IOUT = −6 mA
0.4
V
Output High Leakage Current
IOH
VOH = 5.0 V
1.0
uA
ANALOG / DIGITAL CONVERTER
ADC Input Voltage Range
0
2.0
V
Total Unadjusted Error (TUE)
±1.0
%
Differential Non−linearity (DNL)
8 Bits
1.0
LSB
Conversion Time, Voltage
Channel
Averaging Enabled (32 averages)
80
ms


Similar Part No. - NCP4201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
More results

Similar Description - NCP4201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com