Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45CKQ100 Datasheet(PDF) 1 Page - International Rectifier

Part # 45CKQ100
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45CKQ100 Datasheet(HTML) 1 Page - International Rectifier

  45CKQ100 Datasheet HTML 1Page - International Rectifier 45CKQ100 Datasheet HTML 2Page - International Rectifier 45CKQ100 Datasheet HTML 3Page - International Rectifier 45CKQ100 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
45A*, 100V
45CKQ100
Major Ratings and Characteristics
Description/Features
02/26/02
CASE STYLE
www.irf.com
1
Characteristics
45CKQ100 Units
IF(AV) Rectangular
45*
A
waveform
VRRM (Per Leg)
100
V
IFSM @ tp = 8.3ms half-sine
400
A
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
ANODECOMMONANODE
CATHODE
1
23
HIGH EFFICIENCY SERIES
IR Case Style TO-258AA
PD -20355C
The 45CKQ100 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of
hi-rel environments. It is packaged in the hermetic isolated
TO-258AA package. The device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters.
Full MIL-PRF-19500 quality conformance
testing is available on source controlled drawings to TX,
TXV and S levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Electrically Isolated
(ISOLATEDBASE)
VF @ 25Apk, TJ =125°C
0.74
V
(Per Leg)
*IF(AV) current is limited by pin diameter
NOT E S:
1. DIMENSIONING & T OLE RANCING PE R ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE S HOWN IN MILLIME T ERS [INCHES ].
3. CONT ROLLING DIMENSION: INCH.
4. CONFORMS TO JE DEC OUTLINE TO-258AA BE F ORE LEADF ORMING.
23
1
3X
2X
3.55 [.140]
13.97 [.550]
13.46 [.530]
B
0.12 [.005]
1.14 [.045]
0.88 [.035]
6.85 [.270]
6.09 [.240]
21.20 [.835]
20.70 [.815]
17.65 [.695]
17.39 [.685]
4.19 [.165]
3.93 [.155]
0.50 [.020]
C A
B
0.25 [.010]
C
37.00 [1.457]
20.40 [1.197]
17.95 [.707]
17.70 [.697]
19.05 [.750]
12.70 [.500]
1.65 [.065]
1.39 [.055]
C
5.08 [.200]
A


Similar Part No. - 45CKQ100

ManufacturerPart #DatasheetDescription
logo
Seme LAB
45CKQ100 SEME-LAB-45CKQ100 Datasheet
21Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
96Kb / 1P
   Schottky Rectfier
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
International Rectifier
45CKQ100 IRF-45CKQ100 Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
45CKQ100 IRF-45CKQ100_15 Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 45CKQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
35CGQ150 IRF-35CGQ150 Datasheet
43Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ045C IRF-16YQ045C Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80SCLQ060 IRF-80SCLQ060 Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SYQ030C IRF-16SYQ030C Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150SCV IRF-12CGQ150SCV Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com