Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANS1N6660CAT1 Datasheet(PDF) 2 Page - International Rectifier

Part # JANS1N6660CAT1
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANS1N6660CAT1 Datasheet(HTML) 2 Page - International Rectifier

  JANS1N6660CAT1 Datasheet HTML 1Page - International Rectifier JANS1N6660CAT1 Datasheet HTML 2Page - International Rectifier JANS1N6660CAT1 Datasheet HTML 3Page - International Rectifier JANS1N6660CAT1 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
22JGQ045, 1N6660CAT1
2
www.irf.com
Part number
1N6660CAT1
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
Voltage Ratings
45
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
30
A
50% duty cycle @ TC = 88.4°C, rectangular waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
300
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits Units
Conditions
TJ
Max.Junction Temperature Range
-65 to 125
°C
Tstg
Max. Storage Temperature Range
-65 to 150
°C
RthJC Max. Thermal Resistance, Junction
2.8
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
1.5
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
9.3
g
Die Size
150X150
mils
Case Style
TO-254AA
Thermal-Mechanical Specifications
Parameters
Limits Units
Conditions
VFM
Max. Forward Voltage Drop
0.80
V
@ 15A
(Per Leg)

0.55
V
@ 5.0A
0.75
V
@ 15A
1.0
V
@ 30A
IRM
Max. Reverse Leakage Current
1.0
mA
TJ = 25°C
(Per Leg) See Fig. 2

40
mA
TJ = 125°C
CT
Max. Junction Capacitance (Per Leg)
2000
pF
VR = 5VDC ( 1MHz, 25°C )
L S
Typical Series Inductance (Per Leg)
6.7
nH
Measured from anode lead to cathode lead
6mm ( 0.025 in.) from package
Electrical Specifications
TJ = -55°C
TJ = 25°C See Fig. 1
VR = rated VR


Similar Part No. - JANS1N6660CAT1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6626 MICROSEMI-JANS1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6626US MICROSEMI-JANS1N6626US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6627 MICROSEMI-JANS1N6627 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6627US MICROSEMI-JANS1N6627US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6628 MICROSEMI-JANS1N6628 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - JANS1N6660CAT1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
35CGQ150 IRF-35CGQ150 Datasheet
43Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ045C IRF-16YQ045C Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80SCLQ060 IRF-80SCLQ060 Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SYQ030C IRF-16SYQ030C Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150SCV IRF-12CGQ150SCV Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com