Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL12003R3SWES Datasheet(PDF) 1 Page - International Rectifier

Part # AFL12003R3SWES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12003R3SWES Datasheet(HTML) 1 Page - International Rectifier

  AFL12003R3SWES Datasheet HTML 1Page - International Rectifier AFL12003R3SWES Datasheet HTML 2Page - International Rectifier AFL12003R3SWES Datasheet HTML 3Page - International Rectifier AFL12003R3SWES Datasheet HTML 4Page - International Rectifier AFL12003R3SWES Datasheet HTML 5Page - International Rectifier AFL12003R3SWES Datasheet HTML 6Page - International Rectifier AFL12003R3SWES Datasheet HTML 7Page - International Rectifier AFL12003R3SWES Datasheet HTML 8Page - International Rectifier AFL12003R3SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12/12/06
www.irf.com
1
The AFL Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This series is offered as part of a complete family of
converters providing single and dual output voltages and
operating from nominal +28V or +270V inputs with output
power ranging from 66W to 120W. For applications requiring
higher output power, multiple converters can be operated in
parallel. The internal current sharing circuits assure equal
current distribution among the paralleled converters. This
series incorporates International Rectifier’s proprietary
magnetic pulse feedback technology providing optimum
dynamic line and load regulation response. This feedback
system samples the output voltage at the pulse width
modulator fixed clock frequency, nominally 550KHz. Multiple
converters can be synchronized to a system clock in the
500KHz to 700KHz range or to the synchronization output of
one converter. Under voltage lockout, primary and secondary
referenced inhibit, soft start and load fault protection are
provided on all models.
Description
n 80V To 160V Input Range
n 3.3V Output
n High Power Density - 46W/in3
n 66W Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feed thru Copper Core Pins
n High Efficiency - to 74%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 50dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Microcircuit Drawing Available
Features
AFL
120V Input, 3.3V Output
AFL12003R3S
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
Manufactured in a facility fully qualified to MIL-PRF-38534,
these converters are fabricated utilizing DSCC qualified
processes. For available screening options, refer to device
screening table in the data sheet. Variations in electrical,
mechanical and screening can be accommodated. Contact
IR Santa Clara for special requirements.
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to minimize
resistive DC losses. Three lead styles are available, each
fabricated with International Rectifier’s rugged ceramic lead-
to-package seal assuring long term hermeticity in the most
harsh environments.
PD - 94448E


Similar Part No. - AFL12003R3SWES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12003R3SWES IRF-AFL12003R3SWES Datasheet
194Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWES IRF-AFL12003R3SWES Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWES IRF-AFL12003R3SWES Datasheet
165Kb / 10P
   HIGH RELIABILITY HYBRID DC/DC CONVERTER
More results

Similar Description - AFL12003R3SWES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com