Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMA2812D Datasheet(PDF) 7 Page - International Rectifier

Part # AMA2812D
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2812D Datasheet(HTML) 7 Page - International Rectifier

  AMA2812D Datasheet HTML 1Page - International Rectifier AMA2812D Datasheet HTML 2Page - International Rectifier AMA2812D Datasheet HTML 3Page - International Rectifier AMA2812D Datasheet HTML 4Page - International Rectifier AMA2812D Datasheet HTML 5Page - International Rectifier AMA2812D Datasheet HTML 6Page - International Rectifier AMA2812D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
AMA28XXD Series
Part Numbering
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-04250
AMA2812D
5962-04251
AMA2815D
AMA 28 05 D /EM
Model
Input Voltage
Output
S = Single
D = Dual
Output Voltage
05 =
±5V
12 =
±12V
15 =
±15V
Screening Level
28 = 28V
(Please refer to Screening Table)
No Suffix, CH, EM
Device Screening
Requirement
MIL-STD-883 Method
No Suffix d
CH d
EM
Temperature Range
-55°C to +125°C
-55°C to +125°C
-55°C to +85°C
Element Evaluation
MIL-PRF-38534
Class H
Class H
N/A
Non-Destructive Bond Pull
2023
N/A
N/A
N/A
Internal Visual
2017
Yes
Yes
c
Temperature Cycle
1010
Cond C
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
3000 Gs
3000 Gs
3000 Gs
PIND
2020
Cond A
Cond A
N/A
320 hrs @ 125°C
320 hrs @ 125°C
48 hrs @ 125°C
( 2 x 160hrs )
( 2 x 160hrs )
Final Electrical
MIL-PRF-38534
-55°C, +25°C,
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+125°C
+125°C
+85°C
PDA
MIL-PRF-38534
2%
2%
N/A
Seal, Fine and Gross
1014
Cond A, C
Cond A, C
Cond A
Radiographic
2012
Yes
Yes
N/A
External Visual
2009
Yes
Yes
c
Burn-In
1015
Notes:
 Best commercial practice.
‚ Device with ‘/CH’ suffix is a DSCC class H compliant without radiation performance. No suffix is a radiation rated
device but not available as a DSCC qualified SMD per MIL-PRF-38534.
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SAN JOSE: 2520Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/2010


Similar Part No. - AMA2812D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMA2812D ETC2-AMA2812D Datasheet
25Kb / 2P
   Radiation Tolerant DC/DC Converters
logo
International Rectifier
AMA2812D IRF-AMA2812D Datasheet
248Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2812D/CH IRF-AMA2812D/CH Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2812D/CH IRF-AMA2812D/CH Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2812D/EM IRF-AMA2812D/EM Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
More results

Similar Description - AMA2812D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com