Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL5012DYES Datasheet(PDF) 10 Page - International Rectifier

Part # AFL5012DYES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5012DYES Datasheet(HTML) 10 Page - International Rectifier

Back Button AFL5012DYES Datasheet HTML 6Page - International Rectifier AFL5012DYES Datasheet HTML 7Page - International Rectifier AFL5012DYES Datasheet HTML 8Page - International Rectifier AFL5012DYES Datasheet HTML 9Page - International Rectifier AFL5012DYES Datasheet HTML 10Page - International Rectifier AFL5012DYES Datasheet HTML 11Page - International Rectifier AFL5012DYES Datasheet HTML 12Page - International Rectifier AFL5012DYES Datasheet HTML 13Page - International Rectifier AFL5012DYES Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.irf.com
AFL270XXS Series
AFL270XXS Typical Efficiency Characteristics
Presented for three values of Input Voltage.
Fig.12 AFL27005S
Fig.13 AFL27006S
Fig.14 AFL27009S
Fig.15 AFL27012S
Fig.16 AFL27015S
Fig.17 AFL27028S
50
60
70
80
90
0
2040
6080
100
Output Power ( Watts )
160V
270V
400V
55
65
75
85
95
0
20406080
100
120
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
20406080
100
120
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
20
406080
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
204060
80
Output Power ( Watts )
160V
270V
400V
55
65
75
85
95
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V


Similar Part No. - AFL5012DYES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5012DYES IRF-AFL5012DYES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DYES IRF-AFL5012DYES Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DYES IRF-AFL5012DYES Datasheet
229Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DYES IRF-AFL5012DYES Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5012DYES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com