Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP2703R3SXES Datasheet(PDF) 4 Page - International Rectifier

Part # AHP2703R3SXES
Description  HYBRID - HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2703R3SXES Datasheet(HTML) 4 Page - International Rectifier

  AHP2703R3SXES Datasheet HTML 1Page - International Rectifier AHP2703R3SXES Datasheet HTML 2Page - International Rectifier AHP2703R3SXES Datasheet HTML 3Page - International Rectifier AHP2703R3SXES Datasheet HTML 4Page - International Rectifier AHP2703R3SXES Datasheet HTML 5Page - International Rectifier AHP2703R3SXES Datasheet HTML 6Page - International Rectifier AHP2703R3SXES Datasheet HTML 7Page - International Rectifier AHP2703R3SXES Datasheet HTML 8Page - International Rectifier AHP2703R3SXES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
AHP270XXS Series
Dynamic Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 270 Volts unless otherwise specified.
Notes to Specifications:
1.
Parameters not 100% tested but are guaranteed to the limits specified in the table.
2.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1.0 % of VOUT at 50% load.
3.
Line transient transition time
≥100µs.
4.
Turn-on delay is measured with an input voltage rise time of between 100V and 500V per ms.
5.
Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal.
6.
Parameter verified as part of another test.
7.
All electrical tests are performed with the remote sense leads connected to the output leads at the load.
8.
Load transient transition time
≥10µs.
9.
Enable inputs internally pulled high. Nominal open circuit voltage
≈ 4.0VDC.
10.
All tests at no-load are performed after start-up of the converter.
The converter may fail to start when the output load is less than 1.0W. Under these circumstances,
the converter’s start-up circuitry will continue to cycle until an adequate load is present.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
LOAD TRANSIENT RESPONSE
AHP27003R3S / AHP27005S
Amplitude
Recovery
Amplitude
Recovery
AHP27006S
Amplitude
Recovery
Amplitude
Recovery
AHP27009S
Amplitude
Recovery
Amplitude
Recovery
AHP27012S
Amplitude
Recovery
Amplitude
Recovery
AHP27015S
Amplitude
Recovery
Amplitude
Recovery
AHP27025S
Amplitude
Recovery
Amplitude
Recovery
AHP27028S
Amplitude
Recovery
Amplitude
Recovery
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Notes 2, 8
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
-450
-450
-450
-450
-600
-600
-750
-750
-900
-900
-1200
-1200
-1200
-1200
450
200
450
400
450
200
450
400
600
200
600
400
750
200
750
400
900
200
900
400
1200
200
1200
400
1200
200
1200
400
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
mV
µs
LINE TRANSIENT RESPONSE
Amplitude
Recovery
Notes 1, 2, 3
VIN Step = 160 ⇔ 400 Volts
-500
500
500
mV
µs
TURN-ON CHARACTERISTICS
Overshoot
Delay
4, 5, 6
4, 5, 6
Note 4
Enable 1, 2 on. (Pins 4, 12 high or
open)
50
5.0
75
10
120
%
ms
LOAD FAULT RECOVERY
Same as Turn On Characteristics.
LINE REJECTION
MIL-STD-461, CS101, 30Hz to 50KHz
Note 1
60
70
dB


Similar Part No. - AHP2703R3SXES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
AHP27005DWCH IRF-AHP27005DWCH Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP27005DWCH IRF-AHP27005DWCH Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP27005DWES IRF-AHP27005DWES Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP27005DWES IRF-AHP27005DWES Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AHP2703R3SXES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com