Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL12017DXES Datasheet(PDF) 8 Page - International Rectifier

Part # AFL12017DXES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12017DXES Datasheet(HTML) 8 Page - International Rectifier

Back Button AFL12017DXES Datasheet HTML 4Page - International Rectifier AFL12017DXES Datasheet HTML 5Page - International Rectifier AFL12017DXES Datasheet HTML 6Page - International Rectifier AFL12017DXES Datasheet HTML 7Page - International Rectifier AFL12017DXES Datasheet HTML 8Page - International Rectifier AFL12017DXES Datasheet HTML 9Page - International Rectifier AFL12017DXES Datasheet HTML 10Page - International Rectifier AFL12017DXES Datasheet HTML 11Page - International Rectifier AFL12017DXES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.irf.com
AFL28XXD Series
General Application Information
The AFL28XXD series of converters are capable of
providing large transient currents to user loads on demand.
Because the nominal input voltage range in this series is
relatively low, the resulting input current demands will be
correspondingly large. It is important therefore, that the line
impedance be kept very low to prevent steady state and
transient input currents from degrading the supply voltage
between the voltage source and the converter input. In
applications requiring high static currents and large
transients, it is recommended that the input leads be made
of adequate size to minimize resistive losses, and that a
good quality capacitor of approximately 100
µfd be
connected directly across the input terminals to assure an
adequately low impedance at the input terminals. Table I
relates nominal resistance values and selected wire sizes.
Figure V. Connection for V
OUT Adjustment
Input Filter
Undervoltage Lockout
The AFL28XXD series converters incorporate a two stage
LC input filter whose elements dominate the input load
impedance characteristic during the turn-on sequence. The
input circuit is as shown in Figure IV.
Figure IV. Input Filter Circuit
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 14V
± 0.5V. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a
hysteresis of approximately 1.0V is incorporated in this
circuit. Thus if the input voltage droops to 13V
± 0.5V, the
converter will shut down and remain inoperative until the
input voltage returns to
≈14V.
Output Voltage Adjust
Connect R
adj to + to increase, - to decrease
Pin 1
Pin 2
900nH
130nH
6 µfd
11.2 µfd
By use of the trim pin (10), the magnitude of output voltages
can be adjusted over a limited range in either a positive or
negative direction. Connecting a resistor between the trim
pin and either the output return or the positive output will
raise or lower the magnitude of output voltages. The span
of output voltage adjustment is restricted to the limits shown
in Table I.
Enable 2
Share
Trim
- Vout
Return
+ Vout
To
Loads
R
ADJ
AFL28xxD
7
12
+
-
Table 1. Output Voltage Trim Values and Limits
AFL2805D
AFL2812D
AFL2815D
V
out
R
adj
V
out
R
adj
V
out
R
adj
5.5
0
12.5
0
15.5
0
5.4
12.5K
12.4
47.5K
15.4
62.5K
5.3
33.3K
12.3
127K
15.3
167K
5.2
75K
12.2
285K
15.2
375K
5.1
200K
12.1
760K
15.1
1.0M
5.0
12.0
15.0
4.9
190K
11.7
975K
14.6
1.2M
4.8
65K
11.3
288K
14.0
325K
4.7
23K
10.8
72.9K
13.5
117K
4.6
2.5K
10.6
29.9K
13.0
12.5K
4.583
0
10.417
0
12.917
0
Note that the nominal magnitude of output voltage resides in
the middle of the table and the corresponding resistor value
is set to
. To set the magnitude greater than nominal, the
adjust resistor is connected to output return. To set the
magnitude less than nominal, the adjust resistor is connected
to the positive output. (Refer to Figure V.)
For output voltage settings that are within the limits, but
between those listed in Table I, it is suggested that the
resistor values be determined empirically by selection or by
use of a variable resistor. The value thus determined can
then be replaced with a good quality fixed resistor for
permanent installation.
When use of this adjust feature is elected, the user should
be aware that the temperature performance of the converter
output voltage will be affected by the temperature
performance of the resistor selected as the adjustment
element and therefore, is advised to employ resistors with a
tight temperature coefficient of resistance.


Similar Part No. - AFL12017DXES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12012D IRF-AFL12012D Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12012DW-CH IRF-AFL12012DW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12012DW-ES IRF-AFL12012DW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12012DW-HB IRF-AFL12012DW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12012DWCH IRF-AFL12012DWCH Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL12017DXES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com