Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2803R3SXCH Datasheet(PDF) 1 Page - International Rectifier

Part # AFL2803R3SXCH
Description  HIGH RELIABILITY HYBRID DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2803R3SXCH Datasheet(HTML) 1 Page - International Rectifier

  AFL2803R3SXCH Datasheet HTML 1Page - International Rectifier AFL2803R3SXCH Datasheet HTML 2Page - International Rectifier AFL2803R3SXCH Datasheet HTML 3Page - International Rectifier AFL2803R3SXCH Datasheet HTML 4Page - International Rectifier AFL2803R3SXCH Datasheet HTML 5Page - International Rectifier AFL2803R3SXCH Datasheet HTML 6Page - International Rectifier AFL2803R3SXCH Datasheet HTML 7Page - International Rectifier AFL2803R3SXCH Datasheet HTML 8Page - International Rectifier AFL2803R3SXCH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12/04/06
www.irf.com
1
AFL27003R3S
The AFL Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This series is offered as part of a complete family
of converters providing single and dual output voltages
and operating from nominal +28V or +270V inputs with
output power ranging from 80W to 120W. For applications
requiring higher output power, multiple converters can
be operated in parallel. The internal current sharing
circuits assure equal current distribution among the
paralleled converters. This series incorporates
International Rectifier’s proprietary magnetic pulse
feedback technology providing optimum dynamic line
and load regulation response. This feedback system
samples the output voltage at the pulse width modulator
fixed clock frequency, nominally 550KHz. Multiple
converters can be synchronized to a system clock in
the 500KHz to 700KHz range or to the synchronization
output of one converter. Under voltage lockout, primary
and secondary referenced inhibit, soft start and load
fault protection are provided on all models.
Description
n 160V To 400V Input Range
n 3.3V Output
n High Power Density - 46W/in3
n 66W Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feed thru Copper Core Pins
n High Efficiency - to 74%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 60dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Microcircuit Drawing Available
Features
AFL
270V Input, 3.3V Output
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet. Variations
in electrical, mechanical and screening can be
accommodated. Contact IR Santa Clara for special
requirements.
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated with International Rectifier’s
rugged ceramic lead-to-package seal assuring long
term hermeticity in the most harsh environments.
PD - 94462F


Similar Part No. - AFL2803R3SXCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2803R3SXCH IRF-AFL2803R3SXCH Datasheet
194Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2803R3SXCH IRF-AFL2803R3SXCH Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2803R3SXCH IRF-AFL2803R3SXCH Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2803R3SXCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com